Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1119 Datasheet (PDF) - TRANSYS Electronics Limited

2SB1119 Datasheet PDF - TRANSYS Electronics Limited
Part # 2SB1119
Download  2SB1119 Download
File Size   64.25 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SB1119 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1119 Datasheet PDF - TRANSYS Electronics Limited

Part # 2SB1119
Download  2SB1119 Click to download

File Size   64.25 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SB1119 Datasheet (HTML) - TRANSYS Electronics Limited


2SB1119 Product details

FEATURES

Power dissipation

  PCM: 500 mW (Tamb=25℃)

Collector current

  ICM: -1 A

Collector current (Pulse)

  ICP: -2 A

Collector-base voltage

  V(BR)CBO: -25 V

Operating and storage junction temperature range

  TJ,Tstg: -55℃ to +150℃




Similar Part No. - 2SB1119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1119 SANYO-2SB1119 Datasheet
85Kb / 3P
LF Amp,Electronic Governor Applications
logo
Guangdong Kexin Industr...
2SB1119 KEXIN-2SB1119 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
SeCoS Halbleitertechnol...
2SB1119 SECOS-2SB1119 Datasheet
140Kb / 3P
PNP Silicon Medium Power Transistor
logo
Shenzhen Jin Yu Semicon...
2SB1119 HTSEMI-2SB1119 Datasheet
189Kb / 1P
TRANSISTOR(PNP)
logo
MAKO SEMICONDUCTOR CO.,...
2SB1119 MAKOSEMI-2SB1119 Datasheet
113Kb / 2P
Very small size making it easy to provide
More results


Similar Description - 2SB1119

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com