Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-28000508 Datasheet (PDF) - Atom Lighting

AT-28000508 Datasheet PDF - Atom Lighting
Part # AT-28000508
Download  AT-28000508 Download
File Size   576.55 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description 6W & 10W IP65 LED Garden spike light

AT-28000508 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-28000508 Datasheet PDF - Atom Lighting

Part # AT-28000508
Download  AT-28000508 Click to download

File Size   576.55 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description 6W & 10W IP65 LED Garden spike light

AT-28000508 Datasheet (HTML) - Atom Lighting


AT-28000508 Product details

Features
- Ideal for general lighting applications in courtyard, park, garden and lawns
- Robust and stylish design
- Adjustable head

Description
6W & 10W IP65 LED Garden spike light.




Similar Part No. - AT-28000508

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT-280 MACOM-AT-280 Datasheet
184Kb / 3P
Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280PIN MACOM-AT-280PIN Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT-280RTR MACOM-AT-280RTR Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
More results


Similar Description - AT-28000508

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
OptoSupply Internationa...
OSPR6XX5-XXXXE1C1E OPTOSUPPLY-OSPR6XX5-XXXXE1C1E Datasheet
48Kb / 2P
Xeon Power 6W LED Module Green light source, fast response
logo
List of Unclassifed Man...
BUBOE27160WF05 ETC2-BUBOE27160WF05 Datasheet
1Mb / 8P
6W Non Dimmable Light Bulb
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
Schneider Electric
XB6EAV4JP SCHNEIDER-XB6EAV4JP Datasheet
127Kb / 5P
Monolithic pilot light, Harmony XB6E, round 횠 16, IP65, red, integral LED 12VDCpolarised,
Sep 13, 2021
XB6ECV1BP SCHNEIDER-XB6ECV1BP Datasheet
124Kb / 5P
Monolithic pilot light, Harmony XB6E, square 16, IP65, white, integral LED 24VDCpolarised,connector
Sep 13, 2021
logo
OSRAM GmbH
PLT5520EA_P OSRAM-PLT5520EA_P Datasheet
1Mb / 16P
Architecture / Garden Lighting (LED & Laser)
PLT5522EA_P OSRAM-PLT5522EA_P Datasheet
1Mb / 16P
Architecture / Garden Lighting (LED & Laser)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com