Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1174596 Datasheet (PDF) - PHOENIX CONTACT

1174596 Datasheet PDF - PHOENIX CONTACT
Part # 1174596
Download  1174596 Download
File Size   196.47 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TBUS8-25,0-PPPPSSSS-9005 - DIN rail bus connectors

1174596 Datasheet (PDF)

Go To PDF Page Download Datasheet
1174596 Datasheet PDF - PHOENIX CONTACT

Part # 1174596
Download  1174596 Click to download

File Size   196.47 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TBUS8-25,0-PPPPSSSS-9005 - DIN rail bus connectors

1174596 Datasheet (HTML) - PHOENIX CONTACT


1174596 Product details

DIN rail connector, color: black, nominal current: 6 A, 4 A (parallel contacts) (Serial contacts),
rated voltage (III/2): 32 V, number of positions: 8, product range: TBUS8-25.., pitch: 2.54 mm,
mounting: DIN rail mounting, locking: without, mounting method: without, type of packaging:
packed in cardboard, Item with gold-plated contacts, bus connectors for connecting with
electronics housings, 4 parallel contacts/4 serial contacts




Similar Part No. - 1174596

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1174 JMK-1174 Datasheet
52Kb / 1P
Operating Voltage = 115/250 Vac Operating Current Max= 10 amps
logo
Heyco.
1174 HEYCO-1174 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
Coherent Corp
1174257 COHERENT-1174257 Datasheet
723Kb / 4P
Air-Cooled Thermopile Sensors to 150 W
1174258 COHERENT-1174258 Datasheet
723Kb / 4P
Air-Cooled Thermopile Sensors to 150 W
1174260 COHERENT-1174260 Datasheet
772Kb / 7P
High-Sensitivity Thermopile USB and RS-232 Sensors to 2 W
More results


Similar Description - 1174596

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202876 PHOENIX-2202876 Datasheet
54Kb / 2P
DIN rail bus connectors
2202891 PHOENIX-2202891 Datasheet
66Kb / 2P
DIN rail bus connectors - TBUS8-25,0-PPPPPPPP-7035
2202399 PHOENIX-2202399 Datasheet
207Kb / 7P
DIN rail bus connectors - TBUS8-18,8-PPPPPPPS-7035
2202889 PHOENIX-2202889 Datasheet
436Kb / 7P
DIN rail bus connectors - TBUS8-20,0-PPPPPPPP-7035
2202890 PHOENIX-2202890 Datasheet
362Kb / 7P
DIN rail bus connectors - TBUS8-25,0-PPPPPPPS-7035
2202892 PHOENIX-2202892 Datasheet
433Kb / 7P
DIN rail bus connectors - TBUS8-20,0-PPPPPPSS-7035
2202894 PHOENIX-2202894 Datasheet
436Kb / 7P
DIN rail bus connectors - TBUS8-20,0-PPPPPPPS-7035
2202895 PHOENIX-2202895 Datasheet
362Kb / 7P
DIN rail bus connectors - TBUS8-25,0-PPPPPPSS-7035
1249066 PHOENIX-1249066 Datasheet
284Kb / 10P
HBUS8 161,6-8P-1S BK - DIN rail bus connectors
1252173 PHOENIX-1252173 Datasheet
285Kb / 10P
HBUS8 107,6-8P-1S BK - DIN rail bus connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com