Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1384028 Datasheet (PDF) - PHOENIX CONTACT

1384028 Datasheet PDF - PHOENIX CONTACT
Part # 1384028
Download  1384028 Download
File Size   324.79 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-PSC2,5/4-5,0-AB-7035 TP:1-4 - PCB connector

1384028 Datasheet (PDF)

Go To PDF Page Download Datasheet
1384028 Datasheet PDF - PHOENIX CONTACT

Part # 1384028
Download  1384028 Click to download

File Size   324.79 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-PSC2,5/4-5,0-AB-7035 TP:1-4 - PCB connector

1384028 Datasheet (HTML) - PHOENIX CONTACT


1384028 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 4, product range: ICC..-
PSC2,5/..-5,0, pitch: 5 mm, connection method: Screw connection with tension sleeve,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: ICC 2,5,
locking: without, mounting method: without, type of packaging: packed in cardboard, Printed
version




Similar Part No. - 1384028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13840 ETC2-13840 Datasheet
422Kb / 7P
Statshield Moisture Barrier Bags Application Instructions
logo
Turck, Inc.
13840 TURCK-13840 Datasheet
291Kb / 3P
Shifted Oscillator Frequency F2
11/07/2023
logo
Heyco.
13840 HEYCO-13840 Datasheet
137Kb / 1P
Pry Out Bushings
logo
Kimberly-Clark Worldwid...
13840-10 KLEENGUARD-13840-10 Datasheet
807Kb / 3P
Product Data Sheet for KleenGuard® G40 Polyurethane Coated Gloves - Hand-Specific Pairs / Black
15/07/2020
logo
Weidmuller
1384030000 WEIDMULLER-1384030000 Datasheet
610Kb / 5P
CH20M22 B BUS FE BK/BK 2010
More results


Similar Description - 1384028

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203902 PHOENIX-2203902 Datasheet
110Kb / 3P
Feed-through header - ICC25-H/4L5,0-7035
2203903 PHOENIX-2203903 Datasheet
102Kb / 3P
Feed-through header - ICC25-H/4R5,0-7035
1752230 PHOENIX-1752230 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/ 4-5,0
1862291 PHOENIX-1862291 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 4-5,0-IL
1862437 PHOENIX-1862437 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 4-5,0-EL
1084024 PHOENIX-1084024 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC25-PSC1,5/5-3,5-AA-7035
09/12/2020
1084027 PHOENIX-1084027 Datasheet
64Kb / 3P
Printed-circuit board connector - ICC25-PSC2,5/4-5,0-AA-7035
09/12/2020
1084034 PHOENIX-1084034 Datasheet
99Kb / 6P
Printed-circuit board connector - ICC25-PPC2,5/4-5,0-AA-7035
09/12/2020
1071100 PHOENIX-1071100 Datasheet
332Kb / 11P
PCB terminal block - SPTAF 1/ 4-5,0-IL-EXPROFINET3
Jun 27, 2022
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com