Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1477248 Datasheet (PDF) - PHOENIX CONTACT

1477248 Datasheet PDF - PHOENIX CONTACT
Part # 1477248
Download  1477248 Download
File Size   291.94 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-TP1,5/5L3,5-1018 - PCB terminal block

1477248 Datasheet (PDF)

Go To PDF Page Download Datasheet
1477248 Datasheet PDF - PHOENIX CONTACT

Part # 1477248
Download  1477248 Click to download

File Size   291.94 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-TP1,5/5L3,5-1018 - PCB terminal block

1477248 Datasheet (HTML) - PHOENIX CONTACT


1477248 Product details

Printed circuit board terminal, nominal current: 8 A, rated voltage (III/2): 150 V, nominal cross
section: 1.5 mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5,
product range: ICC..-TP1,5/..L3,5, pitch: 3.5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: yellow, Pin layout:
Linear pinning, number of solder pins per potential: 1, type of packaging: packed in cardboard.
Product with pin output on left side




Similar Part No. - 1477248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1477245 PHOENIX-1477245 Datasheet
290Kb / 8P
ICC25-TP1,5/5L3,5-9005 - PCB terminal block
1477246 PHOENIX-1477246 Datasheet
293Kb / 8P
ICC25-TP1,5/5L3,5-5015 - PCB terminal block
1477249 PHOENIX-1477249 Datasheet
289Kb / 8P
ICC20-TP1,5/4R3,5-9005 - PCB terminal block
More results


Similar Description - 1477248

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB50-A-XX-B-BK ADAM-TECH-EB50-A-XX-B-BK Datasheet
73Kb / 1P
TERMINAL BLOCK PCB
EB105-XX-H ADAM-TECH-EB105-XX-H Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB106-XX-D-BK ADAM-TECH-EB106-XX-D-BK Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
EBW-XX-B ADAM-TECH-EBW-XX-B Datasheet
112Kb / 1P
TERMINAL BLOCK PCB VERTICAL
logo
PHOENIX CONTACT
1701023 PHOENIX-1701023 Datasheet
94Kb / 6P
PCB terminal block - KDS
1704020 PHOENIX-1704020 Datasheet
96Kb / 6P
PCB terminal block - KDS10
1706028 PHOENIX-1706028 Datasheet
133Kb / 6P
PCB terminal block - GKDS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com