Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5819W Datasheet (PDF) - TRANSYS Electronics Limited

B5819W Datasheet PDF - TRANSYS Electronics Limited
Part # B5819W
Download  B5819W Download
File Size   63.04 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY BARRIER DIODE

B5819W Datasheet (PDF)

Go To PDF Page Download Datasheet
B5819W Datasheet PDF - TRANSYS Electronics Limited

Part # B5819W
Download  B5819W Click to download

File Size   63.04 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY BARRIER DIODE

B5819W Datasheet (HTML) - TRANSYS Electronics Limited


B5819W Product details

FEATURES
   Power dissipation
      PD: 450 mW (Tamb=25℃)
   Collector current
      IF: 1 A
   Collector-base voltage
      VR: 40 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - B5819W

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5819W JIANGSU-B5819W Datasheet
125Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5819W WEITRON-B5819W Datasheet
161Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5819W BILIN-B5819W Datasheet
275Kb / 4P
Schottky Barrier Diode
logo
Silicon Standard Corp.
B5819W SSC-B5819W Datasheet
254Kb / 4P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5819W MCC-B5819W Datasheet
368Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Similar Description - B5819W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com