Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC6-2BLY Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESDAVLC6-2BLY Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESDAVLC6-2BLY
Download  ESDAVLC6-2BLY Download
File Size   1290.34 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Automotive transient voltage suppressor (TVS)

ESDAVLC6-2BLY Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDAVLC6-2BLY Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESDAVLC6-2BLY
Download  ESDAVLC6-2BLY Click to download

File Size   1290.34 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Automotive transient voltage suppressor (TVS)

ESDAVLC6-2BLY Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESDAVLC6-2BLY Product details

Features |
© Ultra low capacitance: 0.3pF typical
® Ultra low leakage: nA level
© Low operating voltage: 5V |
® Low clamping voltage
© 2.pin leadless package
© Complies with following standards: |
® IEC 61000-4-2 (ESD) immunity test |

Air discharge: £20kV
Contact discharge: +15kV
© — IEC61000-4-5 (Lightning)4A (820s)
© RoHS Compliant |
© Lead Finish: NiPdAu




Similar Part No. - ESDAVLC6-2BLY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAVLC6-1BF4 STMICROELECTRONICS-ESDAVLC6-1BF4 Datasheet
292Kb / 9P
Multiple ESD strike sustainability
20-May-2015
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
Bidirectional device
05-Dec-2012
ESDAVLC6-1V2 STMICROELECTRONICS-ESDAVLC6-1V2 Datasheet
289Kb / 8P
Single line low capacitance Transil™ for ESD protection
05-Jun-2014
More results


Similar Description - ESDAVLC6-2BLY

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
5KP5.0 TGS-5KP5.0 Datasheet
270Kb / 4P
TVS Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
TVS Transient Voltage Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
transient voltage surge suppressor (TVS)
26-Apr-2012
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com