Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDS311DYFR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESDS311DYFR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESDS311DYFR-TP
Download  ESDS311DYFR-TP Download
File Size   1265.38 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1- Line Low Capacitance Unidirectional TVS Diode

ESDS311DYFR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDS311DYFR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESDS311DYFR-TP
Download  ESDS311DYFR-TP Click to download

File Size   1265.38 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1- Line Low Capacitance Unidirectional TVS Diode

ESDS311DYFR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESDS311DYFR-TP Product details

Features
. 350W peak pulse power (8/20ps)
Low operating :3.3V/
Ula low capacitance: 1.0 pF typical
Ultra low leakage: nA leel
Low clamping voltage
Protects one power line or data line
Complies with following standards:
~~ IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: £30kV
~IEC61000-4-5 (Lightning) 20A (8/20ps)
~1EC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant




Similar Part No. - ESDS311DYFR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESDS311DYFR TI1-ESDS311DYFR Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
FEBRUARY 2024
ESDS311DYFR TI2-ESDS311DYFR Datasheet
1Mb / 23P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS311DYFR TI2-ESDS311DYFR Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS311DYFR.B TI2-ESDS311DYFR.B Datasheet
1Mb / 23P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS311DYFR.B TI2-ESDS311DYFR.B Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
More results


Similar Description - ESDS311DYFR-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC_1 Datasheet
108Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2S9 DIODES-D5V0F1U2S9 Datasheet
242Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 1
DT2042-01CSP DIODES-DT2042-01CSP Datasheet
273Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 2
logo
Applied Power Microelec...
AR0501D5 APMICRO-AR0501D5 Datasheet
748Kb / 4P
1-Line Low Capacitance TVS Diode
logo
Alpha & Omega Semicondu...
AOZ8S325UDS-40 AOSMD-AOZ8S325UDS-40 Datasheet
390Kb / 5P
1-Channel Unidirectional Low Capacitance TVS
Rev. 1.0 June 2022
logo
Diodes Incorporated
D5V0F1U2LP3Q DIODES-D5V0F1U2LP3Q Datasheet
381Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
DESDALC14V2LP3 DIODES-DESDALC14V2LP3 Datasheet
430Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
October 2014 Rev. 4 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com