Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCD01WAVN Datasheet (PDF) - Timeguard

RCD01WAVN Datasheet PDF - Timeguard
Part # RCD01WAVN
Download  RCD01WAVN Download
File Size   496.72 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Safety / Valiance RCD Protection

RCD01WAVN Datasheet (PDF)

Go To PDF Page Download Datasheet
RCD01WAVN Datasheet PDF - Timeguard

Part # RCD01WAVN
Download  RCD01WAVN Click to download

File Size   496.72 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Safety / Valiance RCD Protection

RCD01WAVN Datasheet (HTML) - Timeguard


RCD01WAVN Product details

Features & Benefits
New Dual Flag Technology provides added protection against the risks of electrocution
High EMC Immunity dramatically reduces nuisance tripping
Conforms to BS7288:2016 BS1363-2, and meets latest IET Wiring Regulations
Continues to protect with Lost Neutral /pulsating DC earth fault
Designed, Tested and Certified in the UK
Fits Standard Depth Wall Box
Type A RCDs




Similar Part No. - RCD01WAVN

ManufacturerPart #DatasheetDescription
logo
Timeguard
RCD02WPVN TIMEGUARD-RCD02WPVN Datasheet
500Kb / 3P
Safety / Valiance RCD Protection
14/02/2025
RCD03MAVN TIMEGUARD-RCD03MAVN Datasheet
624Kb / 3P
Safety / Valiance RCD Protection
14/02/2025
logo
Rohm
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
10V Drive Nch MOSFET
RCD041N25 ROHM-RCD041N25 Datasheet
850Kb / 14P
Nch 250V 4.0A Power MOSFET
logo
Timeguard
RCD04MPVN TIMEGUARD-RCD04MPVN Datasheet
623Kb / 3P
Safety / Valiance RCD Protection
14/02/2025
More results


Similar Description - RCD01WAVN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT168 PHILIPS-BT168 Datasheet
43Kb / 6P
Thyristors logic level for RCD/ GFI/ LCCB applications
September 1997 Rev 1.100
BT168W PHILIPS-BT168W Datasheet
52Kb / 7P
Thyristors logic level for RCD/ GFI/ LCCB applications
September 1997 Rev 1.100
logo
STMicroelectronics
RCD16-47B STMICROELECTRONICS-RCD16-47B Datasheet
66Kb / 7P
RCD NETWORK FOR BUS TERMINATION
Oct-1998
logo
NXP Semiconductors
BT168GW PHILIPS-BT168GW Datasheet
71Kb / 11P
Thyristors; logic level for RCD/GFI/LCCB applications
Rev. 04-12 November 2004
logo
3M Electronics
8043 3M-8043 Datasheet
167Kb / 5P
Safety Products for Eye, Head and Face Protection
01-Mar-2004
logo
STMicroelectronics
AN317 STMICROELECTRONICS-AN317 Datasheet
47Kb / 3P
PROTECTION BY TRANSIL HOW TO ENSURE ABSOLUTE SAFETY
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Schneider Electric
XUSZTR14 SCHNEIDER-XUSZTR14 Datasheet
60Kb / 1P
Test rod 14 mm for safety light curtains - finger protection
Jan 19, 2021
XUSZTR30 SCHNEIDER-XUSZTR30 Datasheet
64Kb / 1P
Test rod 30 mm for safety light curtains - hand protection
Jan 19, 2021
logo
PHOENIX CONTACT
2808001 PHOENIX-2808001 Datasheet
282Kb / 8P
Type 2 surge arrester - VAL-CP-RCD-3S/40/0.3/SEL
10/17/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com