Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1103437 Datasheet (PDF) - PHOENIX CONTACT

1103437 Datasheet PDF - PHOENIX CONTACT
Part # 1103437
Download  1103437 Download
File Size   327.91 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME-IO 37,6 EB 10U TBUS 1018 - Mounting base housing

1103437 Datasheet (PDF)

Go To PDF Page Download Datasheet
1103437 Datasheet PDF - PHOENIX CONTACT

Part # 1103437
Download  1103437 Click to download

File Size   327.91 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME-IO 37,6 EB 10U TBUS 1018 - Mounting base housing

1103437 Datasheet (HTML) - PHOENIX CONTACT


1103437 Product details

DIN rail housing, Lower housing part with metal foot catch, with vents, width: 37.89 mm, height:
120.6 mm, depth: 82.85 mm, color: yellow (similar RAL 1018), cross connection: DIN rail
connector (optional), number of positions cross connector: 5 or 8




Similar Part No. - 1103437

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1103431-1 TEC-1103431-1 Datasheet
501Kb / 3P
Circular Hybrid Connector
logo
PHOENIX CONTACT
1103435 PHOENIX-1103435 Datasheet
328Kb / 7P
ME-IO 37,6 LEB 10U TBUS 1018 - Mounting base housing
1103436 PHOENIX-1103436 Datasheet
333Kb / 8P
ME-IO 37,6 LEB 10U TBUS 7035 - Mounting base housing
logo
TE Connectivity Ltd
1103436-1 TEC-1103436-1 Datasheet
501Kb / 3P
Circular Hybrid Connector
logo
PHOENIX CONTACT
1103438 PHOENIX-1103438 Datasheet
333Kb / 8P
ME-IO 37,6 EB 10U TBUS 7035 - Mounting base housing
More results


Similar Description - 1103437

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
2202626 PHOENIX-2202626 Datasheet
109Kb / 4P
Housing cover - ME-IO 18,8 LC 10U 7035
11/25/2021
1103440 PHOENIX-1103440 Datasheet
2Mb / 75P
Mounting base housing - ME-IO 18,8 EB 10U TBUS7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com