Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V4W Datasheet (PDF) - TRANSYS Electronics Limited

BZX84C2V4W Datasheet PDF - TRANSYS Electronics Limited
Part # BZX84C2V4W
Download  BZX84C2V4W Download
File Size   104.4 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated DIODE

BZX84C2V4W Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V4W Datasheet PDF - TRANSYS Electronics Limited

Part # BZX84C2V4W
Download  BZX84C2V4W Click to download

File Size   104.4 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated DIODE

BZX84C2V4W Datasheet (HTML) - TRANSYS Electronics Limited


BZX84C2V4W Product details

ZENER DIODE

FEATURES
    Power dissipation PD: 200 mw (Tamb=25℃)
    Zener Voltages: 2.4V~39 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - BZX84C2V4W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
BZX84C2V4W DIODES-BZX84C2V4W Datasheet
59Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Micro Commercial Compon...
BZX84C2V4W MCC-BZX84C2V4W Datasheet
125Kb / 4P
Silicon 200 mWatt Zener Diodes
logo
Diodes Incorporated
BZX84C2V4W DIODES-BZX84C2V4W Datasheet
103Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 13 - 2
logo
Won-Top Electronics
BZX84C2V4W WTE-BZX84C2V4W Datasheet
59Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
More results


Similar Description - BZX84C2V4W

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
BAS19W TEL-BAS19W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
Plastic-Encapsulated Diode
BAW56W TEL-BAW56W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
DA204U TEL-DA204U Datasheet
59Kb / 1P
Plastic-Encapsulated Diode
DA221 TEL-DA221 Datasheet
55Kb / 1P
Plastic-Encapsulated Diode
DAN202U TEL-DAN202U Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
MMBD4148W TEL-MMBD4148W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T_15 Datasheet
261Kb / 2P
Plastic- Encapsulated Diode
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
Plastic-Encapsulated Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com