Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1486136 Datasheet (PDF) - PHOENIX CONTACT

1486136 Datasheet PDF - PHOENIX CONTACT
Part # 1486136
Download  1486136 Download
File Size   201.12 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME-IO 18,8 C 4U 5015 - Housing cover

1486136 Datasheet (PDF)

Go To PDF Page Download Datasheet
1486136 Datasheet PDF - PHOENIX CONTACT

Part # 1486136
Download  1486136 Click to download

File Size   201.12 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME-IO 18,8 C 4U 5015 - Housing cover

1486136 Datasheet (HTML) - PHOENIX CONTACT


1486136 Product details

DIN rail housing, 4U, Housing cover, width: 18.9 mm, height: 43.8 mm, depth: 26 mm, color: blue
(similar RAL 5015)




Similar Part No. - 1486136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1486134 PHOENIX-1486134 Datasheet
202Kb / 7P
ME-IO 18,8 C 2U MC10 5015 - Housing cover
1486135 PHOENIX-1486135 Datasheet
202Kb / 7P
ME-IO 18,8 C 2U MC18 5015 - Housing cover
1486137 PHOENIX-1486137 Datasheet
200Kb / 7P
ME-IO 18,8 C 8U 5015 - Housing cover
1486138 PHOENIX-1486138 Datasheet
332Kb / 8P
ME-IO 18,8 B/FE 10U TBUS 5015 - Mounting base housing
1486139 PHOENIX-1486139 Datasheet
524Kb / 9P
ME-IO 18,8 EB/FE 10U TBUS 5015 - Mounting base housing
More results


Similar Description - 1486136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2202581 PHOENIX-2202581 Datasheet
55Kb / 2P
Housing cover - ME-IO 18,8 C 2U MC18 7035
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201801 PHOENIX-2201801 Datasheet
109Kb / 6P
Housing cover - ME-IO 18,8 C 3U S1 7035
09/12/2020
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
2202626 PHOENIX-2202626 Datasheet
109Kb / 4P
Housing cover - ME-IO 18,8 LC 10U 7035
11/25/2021
1103440 PHOENIX-1103440 Datasheet
2Mb / 75P
Mounting base housing - ME-IO 18,8 EB 10U TBUS7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com