Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1487511 Datasheet (PDF) - PHOENIX CONTACT

1487511 Datasheet PDF - PHOENIX CONTACT
Part # 1487511
Download  1487511 Download
File Size   389.23 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-62/62-9005 - PCB connector

1487511 Datasheet (PDF)

Go To PDF Page Download Datasheet
1487511 Datasheet PDF - PHOENIX CONTACT

Part # 1487511
Download  1487511 Click to download

File Size   389.23 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-62/62-9005 - PCB connector

1487511 Datasheet (HTML) - PHOENIX CONTACT


1487511 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 4,
number of rows: 2, number of positions: 4, number of connections: 4, product range: HSCP-SP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without, mounting
method: without, type of packaging: packed in cardboard, Spring opener color: blue, red/blue,
red




Similar Part No. - 1487511

ManufacturerPart #DatasheetDescription
logo
Heyco.
14875 HEYCO-14875 Datasheet
146Kb / 1P
Romex® Nylon Snap-in Strain Relief Box Connectors
logo
Adels-Contact
148752 ADELS-148752 Datasheet
119Kb / 2P
AC 164 EST/ 2 white
09/12/2019
14875205 ADELS-14875205 Datasheet
119Kb / 1P
AC 164 VLS/215 050 white
09/12/2019
14875210 ADELS-14875210 Datasheet
119Kb / 1P
AC 164 VLS/215 100 white
09/12/2019
14875220 ADELS-14875220 Datasheet
119Kb / 1P
AC 164 VLS/215 200 white
09/12/2019
More results


Similar Description - 1487511

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65684 EPCOS-B65684 Datasheet
108Kb / 4P
PM 62/49
logo
Amphenol Corporation
62GB56T1626SN AMPHENOL-62GB56T1626SN Datasheet
1Mb / 22P
62 GB- Series Plugs
logo
PHOENIX CONTACT
5600437 PHOENIX-5600437 Datasheet
125Kb / 4P
FLKM HDSUB-62/M
logo
Eaton All Rights Reserv...
XLM-62R1137A-R EATON-XLM-62R1137A-R Datasheet
250Kb / 3P
62 V Module
logo
Pasternack Enterprises,...
PE-W62TF005-12 PASTERNACK-PE-W62TF005-12_V01 Datasheet
407Kb / 4P
WR-62 Twistable Flexible Waveguid
PE-W62TF005-24 PASTERNACK-PE-W62TF005-24_V01 Datasheet
395Kb / 4P
WR-62 Twistable Flexible Waveguide
logo
Vicor Corporation
VIT270WXX600YZZZ VICOR-VIT270WXX600YZZZ Datasheet
1Mb / 18P
VITA 62 DC-DC Converter
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
PSoC 62 MCU
06/22/2020 Revision J
logo
HARTING Technology Grou...
09-93-003-0301 HARTING-09-93-003-0301 Datasheet
1Mb / 3P
Han짰 Board PCB 3PE lever 7, 62 Crimp
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com