Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT3904MB-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PMBT3904MB-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PMBT3904MB-TP
Download  PMBT3904MB-TP Download
File Size   473.07 Kbytes
Page   2 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 50V NPN General Purpose Transistor

PMBT3904MB-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT3904MB-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PMBT3904MB-TP
Download  PMBT3904MB-TP Click to download

File Size   473.07 Kbytes
Page   2 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 50V NPN General Purpose Transistor

PMBT3904MB-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PMBT3904MB-TP Product details

Features
« High voltage and high current
: Vceo = 50V, Ic = 100mA (max)
« Excellent hg linearity : hrg (Ic = 0.1 mA)/heg (Ic = 2 mA)= 0.95 (typ.)
* High hfe -hrg = 120 to 400




Similar Part No. - PMBT3904MB-TP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3904MB NEXPERIA-PMBT3904MB Datasheet
229Kb / 11P
40 V, 200 mA NPN switching transistor
More results


Similar Description - PMBT3904MB-TP

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SA1037AK ROHM-2SA1037AK_09 Datasheet
174Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K_09 Datasheet
177Kb / 4P
General purpose transistor (50V, 0.15A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com