Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSP1002-02JTG Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPSP1002-02JTG Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPSP1002-02JTG
Download  TPSP1002-02JTG Download
File Size   1209.48 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8kV Bidirectional TVS Array

TPSP1002-02JTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSP1002-02JTG Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPSP1002-02JTG
Download  TPSP1002-02JTG Click to download

File Size   1209.48 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8kV Bidirectional TVS Array

TPSP1002-02JTG Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPSP1002-02JTG Product details

Features |
® Ultralow leakage: nA level
# Low operating voltage: 6V
# Low clamping voltage
Complies with following standards:

— IEC 6100042 (ESD) immunity test

Air discharge: +15kV

Contact discharge: +8KV
~IEC610004-5 (Lightning)2A (8/205)

~ IEC61000-4-4 (EFT) 404 (5/50ns)
ROHS Compliant




Similar Part No. - TPSP1002-02JTG

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSP1002-01JTG TECHPUBLIC-TPSP1002-01JTG Datasheet
1Mb / 4P
8kV Bidirectional TVS Array
More results


Similar Description - TPSP1002-02JTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LCV01-6 MICROSEMI-LCV01-6 Datasheet
86Kb / 2P
Bidirectional TVS Array
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
SP1002 Series 5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_11 Datasheet
245Kb / 4P
SP1004 Series 5pF 8kV Bidirectional TVS Array
logo
Yea Shin Technology Co....
YSESDA0502CT3 YEASHIN-YSESDA0502CT3 Datasheet
644Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY
YSMDAXXC YEASHIN-YSMDAXXC Datasheet
831Kb / 3P
BIDIRECTIONAL TVS ARRAY
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
BIDIRECTIONAL TVS ARRAY
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1007 LITTELFUSE-SP1007_17 Datasheet
1Mb / 5P
3.5pF 8kV Bidirectional Discrete TVS
logo
Rectron Semiconductor
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
Bidirectional TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com