Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E1B06DRLR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD4E1B06DRLR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD4E1B06DRLR-TP
Download  TPD4E1B06DRLR-TP Download
File Size   2478.6 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-channel ultra-low leakage ESD protection device

TPD4E1B06DRLR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4E1B06DRLR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD4E1B06DRLR-TP
Download  TPD4E1B06DRLR-TP Click to download

File Size   2478.6 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-channel ultra-low leakage ESD protection device

TPD4E1B06DRLR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD4E1B06DRLR-TP Product details

Features

« Low operating voltage: 5V/

» Ultra low capacitance: 0.6pF (Typ)

Ultra low leakage: nA level

« Low clamping voltage

» -IEC 61000-4-2 (ESD) immunity test

Air discharge: £20kV

Contact discharge: +18kV

-IEC61000-4-4 (EFT) 40A (5/50ns)

-IEC61000-4-5(Lightning):2A(8/20ps)

« These are Pb-Free Devices

o Response Time is Typically < 1 ns




Similar Part No. - TPD4E1B06DRLR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1B06DRLR TI1-TPD4E1B06DRLR Datasheet
1Mb / 20P
4-Channel Ultra Low Leakage ESD Protection Device
TPD4E1B06DRLR TI2-TPD4E1B06DRLR Datasheet
1Mb / 24P
TPD4E1B06 4-Channel Ultra Low Leakage ESD Protection Device
REVISED OCTOBER 2024
TPD4E1B06DRLR.B TI2-TPD4E1B06DRLR.B Datasheet
1Mb / 24P
TPD4E1B06 4-Channel Ultra Low Leakage ESD Protection Device
REVISED OCTOBER 2024
TPD4E1B06DRLRG4 TI2-TPD4E1B06DRLRG4 Datasheet
1Mb / 24P
TPD4E1B06 4-Channel Ultra Low Leakage ESD Protection Device
REVISED OCTOBER 2024
TPD4E1B06DRLRG4.B TI2-TPD4E1B06DRLRG4.B Datasheet
1Mb / 24P
TPD4E1B06 4-Channel Ultra Low Leakage ESD Protection Device
REVISED OCTOBER 2024
More results


Similar Description - TPD4E1B06DRLR-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1282-01D1 ONSEMI-CM1282-01D1 Datasheet
90Kb / 3P
1-Channel Ultra-Low Capacitance ESD Protection Device
March, 2011 ??Rev. 3
logo
Texas Instruments
TPD4E1B06 TI1-TPD4E1B06_14 Datasheet
1Mb / 20P
4-Channel Ultra Low Leakage ESD Protection Device
logo
Chip Integration Techno...
T0501SA CITC-T0501SA Datasheet
928Kb / 7P
Ultra-Low Capacitance ESD Protection Device
T0502SK CITC-T0502SK Datasheet
746Kb / 6P
Ultra-Low Capacitance ESD Protection Device
T0504SP CITC-T0504SP Datasheet
544Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0506ST CITC-T0506ST Datasheet
564Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514TP CITC-T0514TP Datasheet
799Kb / 9P
Ultra-Low Capacitance ESD Protection Device
T0516ST CITC-T0516ST Datasheet
544Kb / 7P
Ultra-Low Capacitance ESD Protection Device
T0521SB CITC-T0521SB Datasheet
557Kb / 6P
Ultra-Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0516ST LUGUANG-LGLT0516ST Datasheet
1Mb / 6P
Ultra-Low Capacitance ESD Protection Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com