Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGS095NE4SL Datasheet (PDF) - Hunteck Semiconductor

HGS095NE4SL Datasheet PDF - Hunteck Semiconductor
Part # HGS095NE4SL
Download  HGS095NE4SL Download
File Size   906.13 Kbytes
Page   6 Pages
Manufacturer  HUNTECK [Hunteck Semiconductor]
Direct Link  http://www.hunteck.com/#/index
Logo HUNTECK - Hunteck Semiconductor
Description 45V N-Ch Power MOSFET

HGS095NE4SL Datasheet (PDF)

Go To PDF Page Download Datasheet
HGS095NE4SL Datasheet PDF - Hunteck Semiconductor

Part # HGS095NE4SL
Download  HGS095NE4SL Click to download

File Size   906.13 Kbytes
Page   6 Pages
Manufacturer  HUNTECK [Hunteck Semiconductor]
Direct Link  http://www.hunteck.com/#/index
Logo HUNTECK - Hunteck Semiconductor
Description 45V N-Ch Power MOSFET

HGS095NE4SL Datasheet (HTML) - Hunteck Semiconductor


HGS095NE4SL Product details

Feature
◇ High Speed Power Switching, Logic Level
◇ Enhanced Body diode dv/dt capability
◇ Enhanced Avalanche Ruggedness
◇ 100% UIS Tested, 100% Rg Tested
◇ Lead Free, Halogen Free
Application
◇ Synchronous Rectification in SMPS
◇ Hard Switching and High Speed Circuit
◇ DC/DC in Telecoms and Inductrial




Similar Part No. - HGS095NE4SL

ManufacturerPart #DatasheetDescription
logo
Hunteck Semiconductor
HGS090N06SL HUNTECK-HGS090N06SL Datasheet
927Kb / 6P
60V N-Ch Power MOSFET
Ver.1.0 Jan. 2021
HGS098N06SL HUNTECK-HGS098N06SL Datasheet
941Kb / 6P
60V N-Ch Power MOSFET
Ver 1.0 Jan. 2021
More results


Similar Description - HGS095NE4SL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF4203 GOOD-ARK-SSF4203_15 Datasheet
1Mb / 7P
45V N-Channel MOSFET
SSF4203 GOOD-ARK-SSF4203 Datasheet
1Mb / 7P
45V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6154 AOSMD-AON6154 Datasheet
314Kb / 6P
45V N-Channel MOSFET
AON6156 AOSMD-AON6156 Datasheet
324Kb / 6P
45V N-Channel MOSFET
logo
KODENSHI_AUK CORP.
SUN05A50D KODENSHI-SUN05A50D Datasheet
450Kb / 8P
N-Ch Power MOSFET
SUN05A50F KODENSHI-SUN05A50F Datasheet
477Kb / 8P
N-Ch Power MOSFET
SUN730D KODENSHI-SUN730D Datasheet
458Kb / 8P
N-Ch Power MOSFET
SUN830F KODENSHI-SUN830F Datasheet
440Kb / 8P
N-Ch Power MOSFET
logo
FETek Technology Corp.
FKBA4048B FETEK-FKBA4048B Datasheet
478Kb / 4P
N-Ch 45V Fast Switching MOSFETs
Ver : A
FKD4048B FETEK-FKD4048B Datasheet
479Kb / 4P
N-Ch 45V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com