Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE3055 Datasheet (PDF) - TRANSYS Electronics Limited

MJE3055 Datasheet PDF - TRANSYS Electronics Limited
Part # MJE3055
Download  MJE3055 Download
File Size   55.44 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

MJE3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE3055 Datasheet PDF - TRANSYS Electronics Limited

Part # MJE3055
Download  MJE3055 Click to download

File Size   55.44 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

MJE3055 Datasheet (HTML) - TRANSYS Electronics Limited


MJE3055 Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 2 W (Tamb=25℃)
   Collector current
      ICM: 10 A
   Collector-base voltage
      V(BR)CBO: 70 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MJE3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE3055 MOTOROLA-MJE3055 Datasheet
129Kb / 4P
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
logo
STMicroelectronics
MJE3055 STMICROELECTRONICS-MJE3055 Datasheet
65Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Wing Shing Computer Com...
MJE3055 WINGS-MJE3055 Datasheet
64Kb / 1P
SILICON EPITAXIAL PLANAR TRANSISTOR
logo
Samsung semiconductor
MJE3055 SAMSUNG-MJE3055 Datasheet
216Kb / 6P
NPN (GENERAL PURPOSE AND SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
MJE3055 FAIRCHILD-MJE3055 Datasheet
36Kb / 4P
General Purpose and Switching Applications
More results


Similar Description - MJE3055

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com