Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448W Datasheet (PDF) - TRANSYS Electronics Limited

MMBD4448W Datasheet PDF - TRANSYS Electronics Limited
Part # MMBD4448W
Download  MMBD4448W Download
File Size   102.91 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SWITCHING DIODE

MMBD4448W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4448W Datasheet PDF - TRANSYS Electronics Limited

Part # MMBD4448W
Download  MMBD4448W Click to download

File Size   102.91 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SWITCHING DIODE

MMBD4448W Datasheet (HTML) - TRANSYS Electronics Limited


MMBD4448W Product details

SWITCHING DIODE

FEATURES
   Power dissipation
      PD: 200 mW (Tamb=25℃)
   Collector current
      IO: 250 mA
   Collector-base voltage
      VR: 75 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMBD4448W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448W PANJIT-MMBD4448W Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
MMBD4448W WTE-MMBD4448W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
MMBD4448W DIODES-MMBD4448W Datasheet
58Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30095 Rev. 5 - 2
logo
Weitron Technology
MMBD4448W WEITRON-MMBD4448W Datasheet
317Kb / 3P
Surface Mount Switching Diode
logo
Diodes Incorporated
MMBD4448W DIODES-MMBD4448W Datasheet
78Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30095 Rev. 8 - 2
More results


Similar Description - MMBD4448W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com