Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1643166 Datasheet (PDF) - PHOENIX CONTACT

1643166 Datasheet PDF - PHOENIX CONTACT
Part # 1643166
Download  1643166 Download
File Size   338.92 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-H/5R3,5-5015 - PCB header

1643166 Datasheet (PDF)

Go To PDF Page Download Datasheet
1643166 Datasheet PDF - PHOENIX CONTACT

Part # 1643166
Download  1643166 Click to download

File Size   338.92 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-H/5R3,5-5015 - PCB header

1643166 Datasheet (HTML) - PHOENIX CONTACT


1643166 Product details

PCB headers, color: blue, nominal current: 8 A, rated voltage (III/2): 150 V, contact surface: Sn,
contact connection type: Pin, number of potentials: 5, number of rows: 1, number of positions: 5,
number of connections: 5, product range: ICC..-H/..R3,5, pitch: 3.5 mm, mounting: Wave
soldering, pin layout: Linear pinning, solder pin [P]: 2.8 mm, number of solder pins per potential:
1, plug-in system: ICC 1,5, Pin connector pattern alignment: Standard, locking: Snap-in locking,
mounting method: without, type of packaging: Box packaging, Product with pin output on right
side




Similar Part No. - 1643166

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1643150000 WEIDMULLER-1643150000 Datasheet
332Kb / 5P
SLD 3.50 V/24/90F 4.5 SN BK BX
More results


Similar Description - 1643166

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
PHOENIX CONTACT
2203902 PHOENIX-2203902 Datasheet
110Kb / 3P
Feed-through header - ICC25-H/4L5,0-7035
2203903 PHOENIX-2203903 Datasheet
102Kb / 3P
Feed-through header - ICC25-H/4R5,0-7035
1072486 PHOENIX-1072486 Datasheet
109Kb / 5P
Feed-through header - ICC25-H/4L5,0-9005
10/28/2020
1378324 PHOENIX-1378324 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-X
1378143 PHOENIX-1378143 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-Y
1340482 PHOENIX-1340482 Datasheet
326Kb / 8P
DD31H 2,2/12-H-3,81-X - PCB header
1341120 PHOENIX-1341120 Datasheet
321Kb / 8P
D31H 2,2/ 5-H-3,81-Y - PCB header
1376535 PHOENIX-1376535 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-X - PCB header
1339712 PHOENIX-1339712 Datasheet
319Kb / 8P
D31H 2,2/10-H-3,81-X - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com