Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200476 Datasheet (PDF) - PHOENIX CONTACT

2200476 Datasheet PDF - PHOENIX CONTACT
Part # 2200476
Download  2200476 Download
File Size   186.02 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX TBUS BS PGBU - Filler plug

2200476 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200476 Datasheet PDF - PHOENIX CONTACT

Part # 2200476
Download  2200476 Click to download

File Size   186.02 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX TBUS BS PGBU - Filler plug

2200476 Datasheet (HTML) - PHOENIX CONTACT


2200476 Product details

DIN rail housing, Filler plugs for TBUS recess, width: 5.8 mm, height: 30 mm, depth: 6.6 mm,
color: pigeon blue (similar RAL 5014)




Similar Part No. - 2200476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200474 PHOENIX-2200474 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
More results


Similar Description - 2200476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201731 PHOENIX-2201731 Datasheet
44Kb / 2P
Electronic housing - ME 17,5 TBUS 1,5/4P1S KMGY
1652114 PHOENIX-1652114 Datasheet
56Kb / 2P
D-SUB filler plug - VS-09-BS
1410754 PHOENIX-1410754 Datasheet
50Kb / 3P
Filler plugs - HC-K-BS-M32-BK
1410767 PHOENIX-1410767 Datasheet
50Kb / 3P
Filler plugs - HC-K-BS-M40-BK
1645875 PHOENIX-1645875 Datasheet
49Kb / 2P
Filler plugs - HC-M-BS-M40
1674493 PHOENIX-1674493 Datasheet
52Kb / 3P
Filler plugs - HC-BS-PG11
0828143 PHOENIX-0828143 Datasheet
46Kb / 3P
Label for ME UT TBUS housing - EML (44X72)R-ME
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2202542 PHOENIX-2202542 Datasheet
62Kb / 3P
PCB - ME MAX/16 2-2 TBUS DEV-PCB
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com