Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202568 Datasheet (PDF) - PHOENIX CONTACT

2202568 Datasheet PDF - PHOENIX CONTACT
Part # 2202568
Download  2202568 Download
File Size   744.18 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-99/99-7035 - PCB connector

2202568 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202568 Datasheet PDF - PHOENIX CONTACT

Part # 2202568
Download  2202568 Click to download

File Size   744.18 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-99/99-7035 - PCB connector

2202568 Datasheet (HTML) - PHOENIX CONTACT


2202568 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 2, number of positions: 4, number of connections: 4, product range: HSCPSP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
white, white / white, white




Similar Part No. - 2202568

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202563 PHOENIX-2202563 Datasheet
92Kb / 4P
Plug-in card block - SKBD 10/MT
2202569 PHOENIX-2202569 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-00/00-7035 - PCB connector
More results


Similar Description - 2202568

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-5406 ALCOA-99-5406 Datasheet
151Kb / 2P
99-5406
99-5303 ALCOA-99-5303 Datasheet
158Kb / 2P
99-5303
99-5301 ALCOA-99-5301 Datasheet
154Kb / 2P
99-5301
99-5103 ALCOA-99-5103 Datasheet
221Kb / 2P
99-5103
99-5101 ALCOA-99-5101 Datasheet
626Kb / 2P
99-5101
99-5014 ALCOA-99-5014 Datasheet
154Kb / 2P
99-5014
99-5013 ALCOA-99-5013 Datasheet
163Kb / 2P
99-5013
99-5009 ALCOA-99-5009 Datasheet
160Kb / 2P
99-5009
99-5008 ALCOA-99-5008 Datasheet
155Kb / 2P
99-5008
99-3462 ALCOA-99-3462 Datasheet
127Kb / 2P
99-3462
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com