Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202605 Datasheet (PDF) - PHOENIX CONTACT

2202605 Datasheet PDF - PHOENIX CONTACT
Part # 2202605
Download  2202605 Download
File Size   744.4 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-69/69-7035 - PCB connector

2202605 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202605 Datasheet PDF - PHOENIX CONTACT

Part # 2202605
Download  2202605 Click to download

File Size   744.4 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-69/69-7035 - PCB connector

2202605 Datasheet (HTML) - PHOENIX CONTACT


2202605 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 2, number of positions: 4, number of connections: 4, product range: HSCPSP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Spring opener color: blue,
white/blue, white




Similar Part No. - 2202605

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202602 PHOENIX-2202602 Datasheet
89Kb / 4P
Plug-in card block - SKBD 15/MT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
2202607 PHOENIX-2202607 Datasheet
391Kb / 11P
HSCP-SP 2,5-1UTT-55/55-7035 - PCB connector
2202608 PHOENIX-2202608 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-99/62-7035 - PCB connector
2202609 PHOENIX-2202609 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-629/629-7035 - PCB connector
More results


Similar Description - 2202605

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-2 AGERE-269-2 Datasheet
95Kb / 8P
69-Type 14xx nm DFB Pump Laser Module
June 2001
logo
ELAN Microelectronics C...
EM65100 EMC-EM65100 Datasheet
728Kb / 75P
69 COM/ 101 SEG 4 Gray Level STN LCD Driver
logo
ON Semiconductor
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
logo
List of Unclassifed Man...
LB69-3063 ETC2-LB69-3063 Datasheet
266Kb / 3P
Isolators 69 Series
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43728 AVAGO-MGA-43728_15 Datasheet
842Kb / 17P
2.62??.69 GHz Linear Power Amplifier Module
logo
Broadcom Corporation.
MGA-43728 BOARDCOM-MGA-43728 Datasheet
842Kb / 17P
2.62??.69 GHz Linear Power Amplifier Module
logo
PHOENIX CONTACT
1773886 PHOENIX-1773886 Datasheet
48Kb / 3P
Housing - HC-HV 6-KMQ-69/M1PG21
1773899 PHOENIX-1773899 Datasheet
48Kb / 3P
Housing - HC-HV 6-KMQ-69/M1PG21
1706548 PHOENIX-1706548 Datasheet
65Kb / 3P
PTDA 2,5/ 3-PH-5,0 RTGY38BD-69
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com