Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202610 Datasheet (PDF) - PHOENIX CONTACT

2202610 Datasheet PDF - PHOENIX CONTACT
Part # 2202610
Download  2202610 Download
File Size   323.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U00-7035 - Filler plug

2202610 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202610 Datasheet PDF - PHOENIX CONTACT

Part # 2202610
Download  2202610 Click to download

File Size   323.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U00-7035 - Filler plug

2202610 Datasheet (HTML) - PHOENIX CONTACT


2202610 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 300 V, number of potentials: 0, number of rows: 2, number of positions: 0, number
of connections: 0, product range: HSCP-SP 2,5-.., pitch: 5 mm, number of solder pins per
potential: 0, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without, mounting
method: without, type of packaging: packed in cardboard, Filler plugs




Similar Part No. - 2202610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202615 PHOENIX-2202615 Datasheet
92Kb / 4P
Plug-in card block - SKBD 16/MT
2202616 PHOENIX-2202616 Datasheet
199Kb / 7P
ME-IO 18,8 C 2U MC 7035 - Housing cover
2202618 PHOENIX-2202618 Datasheet
56Kb / 2P
Component housing, length: 120.6 mm, Lower part, color: light gray, width: 37.6 mm, height: 57.7 mm
2202619 PHOENIX-2202619 Datasheet
333Kb / 8P
ME-IO 37,6 LB/FE 10U TBUS 7035 - Mounting base housing
More results


Similar Description - 2202610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3040258 PHOENIX-3040258 Datasheet
202Kb / 12P
Plug - SP 2,5/ 1
3043022 PHOENIX-3043022 Datasheet
229Kb / 13P
Plug - SP 2,5/ 1-L BU
3043043 PHOENIX-3043043 Datasheet
229Kb / 13P
Plug - SP 2,5/ 1-M
3040876 PHOENIX-3040876 Datasheet
71Kb / 6P
Plug - SP 2,5/16
3043828 PHOENIX-3043828 Datasheet
83Kb / 7P
Plug - SP 2,5/17 NZ:1
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
3043051 PHOENIX-3043051 Datasheet
476Kb / 11P
Plug - SP 2,5/ 1-M BU
02/04/2022
3043064 PHOENIX-3043064 Datasheet
476Kb / 11P
Plug - SP 2,5/ 1-M GNYE
02/04/2022
3043080 PHOENIX-3043080 Datasheet
454Kb / 11P
Plug - SP 2,5/ 1-R BU
02/04/2022
3062757 PHOENIX-3062757 Datasheet
54Kb / 3P
Filler plugs - CEC 2,5
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com