Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU171 Datasheet (PDF) - DFI Inc

SU171 Datasheet PDF - DFI Inc
Part # SU171
Download  SU171 Download
File Size   1282.65 Kbytes
Page   3 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 6th Gen Intel® CoreTM Processor Thin Mini-ITX

SU171 Datasheet (PDF)

Go To PDF Page Download Datasheet
SU171 Datasheet PDF - DFI Inc

Part # SU171
Download  SU171 Click to download

File Size   1282.65 Kbytes
Page   3 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 6th Gen Intel® CoreTM Processor Thin Mini-ITX

SU171 Datasheet (HTML) - DFI Inc


SU171 Product details

Features
• 2 DDR3L 1600MHz SODIMM up to 16GB
• Three independent displays:
LVDS*/eDP + HDMI*/DP + DP++
• DP++ resolution supports up to 4096x2304 @ 60Hz
• Multiple expansion: 1 PCIe x4, 1 Mini PCIe, 1 LPC
• Storage: 2 SATA 3.0, 1 mSATA/Mini PCIe
• Rich I/O: 2 Intel GbE, 4 COM, 4 USB 3.0, 4 USB 2.0
• LPC EXT-RS232/485 module supports 4 COM ports




Similar Part No. - SU171

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SU17 MOSPEC-SU17 Datasheet
149Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
More results


Similar Description - SU171

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO500 AXIOMTEK-MANO500_17 Datasheet
322Kb / 1P
Mini-ITX SBC with LGA1151 Socket 6th/7th Gen Intel Core Processor
logo
GSR Technology Ltd
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WM343-KD330 DFI-WM343-KD330 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-KD331 DFI-WM343-KD331 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com