Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2201338 Datasheet (PDF) - PHOENIX CONTACT

2201338 Datasheet PDF - PHOENIX CONTACT
Part # 2201338
Download  2201338 Download
File Size   1360.07 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 90 2-2 KMGY VPE1 - Electronics housing

2201338 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201338 Datasheet PDF - PHOENIX CONTACT

Part # 2201338
Download  2201338 Click to download

File Size   1360.07 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 90 2-2 KMGY VPE1 - Electronics housing

2201338 Datasheet (HTML) - PHOENIX CONTACT


2201338 Product details

DIN rail housing, Complete housing with metal foot catch, tall design, with vents, width: 90.4 mm,
height: 99 mm, depth: 113.65 mm, color: light gray (similar RAL 7035), cross connection: DIN rail
connector (optional), number of positions cross connector: 5




Similar Part No. - 2201338

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
220133-51-7 WAGO-220133-51-7 Datasheet
1Mb / 9P
Shield clamping saddle; 21.8 mm wide; 6 ... 16 mm
09.08.2023
logo
PHOENIX CONTACT
2201333 PHOENIX-2201333 Datasheet
52Kb / 2P
Optional with bus connector for DIN rail mounting as well as power connection system
2201335 PHOENIX-2201335 Datasheet
1Mb / 8P
ME MAX 67,5 2-2 KMGY VPE1 - Electronics housing
2201339 PHOENIX-2201339 Datasheet
1Mb / 8P
ME MAX 90 3-3 KMGY VPE1 - Electronics housing
More results


Similar Description - 2201338

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2200384 PHOENIX-2200384 Datasheet
80Kb / 3P
Headers for ME/ME MAX electronics housing
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com