Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2890849 Datasheet (PDF) - PHOENIX CONTACT

2890849 Datasheet PDF - PHOENIX CONTACT
Part # 2890849
Download  2890849 Download
File Size   182.2 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 17,5 PLATE KMGY - Insertion plate

2890849 Datasheet (PDF)

Go To PDF Page Download Datasheet
2890849 Datasheet PDF - PHOENIX CONTACT

Part # 2890849
Download  2890849 Click to download

File Size   182.2 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 17,5 PLATE KMGY - Insertion plate

2890849 Datasheet (HTML) - PHOENIX CONTACT


2890849 Product details

DIN rail housing, Insertion plate, width: 14.2 mm, height: 73.6 mm, depth: 1 mm, color: light gray
(similar RAL 7035)




Similar Part No. - 2890849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
More results


Similar Description - 2890849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201731 PHOENIX-2201731 Datasheet
44Kb / 2P
Electronic housing - ME 17,5 TBUS 1,5/4P1S KMGY
2201757 PHOENIX-2201757 Datasheet
62Kb / 2P
DIN rail bus connectors - ME 17,5 TBUS ADAPTER KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
2278940 PHOENIX-2278940 Datasheet
199Kb / 10P
Upper part of housing - ME 17,5 OTU-MKDSO KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com