Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D24V0H1U2LP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

D24V0H1U2LP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # D24V0H1U2LP
Download  D24V0H1U2LP Download
File Size   367.17 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 14Line Uni-directional TVS Diode

D24V0H1U2LP Datasheet (PDF)

Go To PDF Page Download Datasheet
D24V0H1U2LP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # D24V0H1U2LP
Download  D24V0H1U2LP Click to download

File Size   367.17 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 14Line Uni-directional TVS Diode

D24V0H1U2LP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


D24V0H1U2LP Product details

Features

® Ultra small package: 1.0x0.6x0.5mm

@ Ultra low capacitance: 40pF typical

® Ultra low leakage: nA level

® Low operating voltage: 24V

© Low clamping voltage

® 2-pin leadless package

© Complies with following standards:

© IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV

@ — IEC61000-4-5 (Lightning) 8A (8/20ps)

® RoHS Compliant

® Lead Finish: NiPdAu




Similar Part No. - D24V0H1U2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D24V0H1U2LP DIODES-D24V0H1U2LP Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP-7B DIODES-D24V0H1U2LP-7B Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP-7B DIODES-D24V0H1U2LP-7B Datasheet
780Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
More results


Similar Description - D24V0H1U2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D26V0H1U2LP20 DIODES-D26V0H1U2LP20 Datasheet
285Kb / 4P
26V UNI-DIRECTIONAL TVS DIODE
Rev 2
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
logo
Diodes Incorporated
D14V0H1U2LP DIODES-D14V0H1U2LP Datasheet
294Kb / 5P
14V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
D18V0H1U2LP DIODES-D18V0H1U2LP Datasheet
294Kb / 5P
18V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D22V0H1U2LP DIODES-D22V0H1U2LP Datasheet
199Kb / 5P
22V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP DIODES-D24V0H1U2LP Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H2U3SO DIODES-D24V0H2U3SO Datasheet
780Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D34V0H1U2LP DIODES-D34V0H1U2LP Datasheet
291Kb / 5P
34V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com