Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFL10PIRB Datasheet (PDF) - Timeguard

STFL10PIRB Datasheet PDF - Timeguard
Part # STFL10PIRB
Download  STFL10PIRB Download
File Size   356.4 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Suretime 10W LED Floodlight With PIR

STFL10PIRB Datasheet (PDF)

Go To PDF Page Download Datasheet
STFL10PIRB Datasheet PDF - Timeguard

Part # STFL10PIRB
Download  STFL10PIRB Click to download

File Size   356.4 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Suretime 10W LED Floodlight With PIR

STFL10PIRB Datasheet (HTML) - Timeguard


STFL10PIRB Product details

Features & Benefits
10W LED PIR Floodlight
Manual Pulse Override
Easy Install Without Removing Bracket
Pre-wired Cable
Designed in the UK
Cable Pre Wired H05 cable 500mm easy install without removing bracket
Quick & Simple Light ON and Dusk Adjustment Settings




Similar Part No. - STFL10PIRB

ManufacturerPart #DatasheetDescription
logo
Timeguard
STFL20PIRB TIMEGUARD-STFL20PIRB Datasheet
354Kb / 3P
Suretime 20W LED Floodlight With PIR
14/02/2025
STFL30PIRB TIMEGUARD-STFL30PIRB Datasheet
435Kb / 3P
Suretime 30W LED Floodlight With PIR
14/02/2025
STFL50PIRB TIMEGUARD-STFL50PIRB Datasheet
442Kb / 3P
Suretime 50W LED Floodlight With PIR
14/02/2025
logo
STMicroelectronics
STFLAFM10 STMICROELECTRONICS-STFLAFM10 Datasheet
89Kb / 4P
ADAPTIVE FUZZY MODELLER
May-1996
STFLAFM10SW STMICROELECTRONICS-STFLAFM10SW Datasheet
89Kb / 4P
ADAPTIVE FUZZY MODELLER
May-1996
More results


Similar Description - STFL10PIRB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
SKP-MS401 ETC2-SKP-MS401 Datasheet
169Kb / 1P
SMALL PIR MODULE WITH LENS
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
Direct Interface with PIR Sensor
logo
Synaptics Incorporated.
CX93610 CONEXANT-CX93610 Datasheet
732Kb / 2P
PIR Sensor with Video
logo
Molex Electronics Ltd.
130112-0128 MOLEX11-130112-0128 Datasheet
31Kb / 1P
Handle Assembly with Guard for Spotlight & Floodlight
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com