Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1773604 Datasheet (PDF) - PHOENIX CONTACT

1773604 Datasheet PDF - PHOENIX CONTACT
Part # 1773604
Download  1773604 Download
File Size   573.7 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/ 5-ST-3,5 GY7035 - PCB connector

1773604 Datasheet (PDF)

Go To PDF Page Download Datasheet
1773604 Datasheet PDF - PHOENIX CONTACT

Part # 1773604
Download  1773604 Click to download

File Size   573.7 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/ 5-ST-3,5 GY7035 - PCB connector

1773604 Datasheet (HTML) - PHOENIX CONTACT


1773604 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
5, number of rows: 1, number of positions: 5, number of connections: 5, product range: FK-MCP
1,5/..-ST, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without, mounting
method: without, type of packaging: packed in cardboard




Similar Part No. - 1773604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1773608 PHOENIX-1773608 Datasheet
72Kb / 3P
Housing - HC-HV 3-SML-52/M1PG16
More results


Similar Description - 1773604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1939934 PHOENIX-1939934 Datasheet
796Kb / 18P
PCB connector - FK-MCP 1,5/ 4-ST-3,5
Jul 20, 2022
1939918 PHOENIX-1939918 Datasheet
784Kb / 18P
PCB connector - FK-MCP 1,5/ 2-ST-3,5
Jan 4, 2023
1939947 PHOENIX-1939947 Datasheet
714Kb / 15P
PCB connector - FK-MCP 1,5/ 5-ST-3,5
Jul 21, 2022
1939960 PHOENIX-1939960 Datasheet
728Kb / 16P
PCB connector - FK-MCP 1,5/ 7-ST-3,5
Nov 30, 2022
1939976 PHOENIX-1939976 Datasheet
757Kb / 17P
PCB connector - FK-MCP 1,5/ 9-ST-3,5
Jan 3, 2023
1939992 PHOENIX-1939992 Datasheet
728Kb / 16P
PCB connector - FK-MCP 1,5/11-ST-3,5
Jan 3, 2023
1940020 PHOENIX-1940020 Datasheet
710Kb / 16P
PCB connector - FK-MCP 1,5/14-ST-3,5
Jan 5, 2023
1940046 PHOENIX-1940046 Datasheet
710Kb / 16P
PCB connector - FK-MCP 1,5/16-ST-3,5
Jan 10, 2023
1940127 PHOENIX-1940127 Datasheet
588Kb / 16P
PCB connector - FK-MCP 1,5/ 5-STF-3,5
Jan 10, 2023
1817233 PHOENIX-1817233 Datasheet
449Kb / 13P
FK-MCP 1,5/ 2-ST-3,5-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com