Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200330 Datasheet (PDF) - PHOENIX CONTACT

2200330 Datasheet PDF - PHOENIX CONTACT
Part # 2200330
Download  2200330 Download
File Size   211.33 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBO 2,5/ 2-G1PL GY7035 - PCB header

2200330 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200330 Datasheet PDF - PHOENIX CONTACT

Part # 2200330
Download  2200330 Click to download

File Size   211.33 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBO 2,5/ 2-G1PL GY7035 - PCB header

2200330 Datasheet (HTML) - PHOENIX CONTACT


2200330 Product details

PCB headers, nominal cross section: 2.5 mm2, color: light gray, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: MSTBO
2,5/..-G1PL, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.
5 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Orthogonal, locking: without, type of packaging: packed in
cardboard, Product with pin output on left side




Similar Part No. - 2200330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200331 PHOENIX-2200331 Datasheet
211Kb / 8P
MSTBO 2,5/ 2-G1PR GY7035 - PCB header
2200332 PHOENIX-2200332 Datasheet
107Kb / 6P
Printed-circuit board connector - MSTBT 2,5 HC/ 4-STPGY7035
2200332 PHOENIX-2200332 Datasheet
277Kb / 8P
Upper part of housing - ICS50-C100X12-5015
2200332 PHOENIX-2200332 Datasheet
354Kb / 8P
Mounting base housing - ICS50-B122X98-O-O-5015
2200333 PHOENIX-2200333 Datasheet
75Kb / 5P
Printed-circuit board connector - MSTBT 2,5 HC/ 3-STP GY7035
More results


Similar Description - 2200330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861044 PHOENIX-1861044 Datasheet
88Kb / 6P
Base strip - MSTBO 2,5/ 2-G1R
1861057 PHOENIX-1861057 Datasheet
88Kb / 6P
Base strip - MSTBO 2,5/ 2-G1L
2854791 PHOENIX-2854791 Datasheet
81Kb / 5P
Base strip - MSTBO 2,5/ 2-G1R KMGY
1980653 PHOENIX-1980653 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PR GY7035
2199757 PHOENIX-2199757 Datasheet
91Kb / 4P
GMSTBT 2,5 HV/2-ST-7,25 GY7035
2200325 PHOENIX-2200325 Datasheet
81Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035
2200328 PHOENIX-2200328 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PL GY7035
2200329 PHOENIX-2200329 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PR GY7035
2200485 PHOENIX-2200485 Datasheet
52Kb / 3P
Printed-circuit board connector - MSTBO 2,5/ 4-G1PL BK
2854788 PHOENIX-2854788 Datasheet
129Kb / 9P
Feed-through header - MSTBO 2,5/ 2-G1L KMGY
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com