Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202693 Datasheet (PDF) - PHOENIX CONTACT

2202693 Datasheet PDF - PHOENIX CONTACT
Part # 2202693
Download  2202693 Download
File Size   308.89 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 F-UT/FE KMGY - Mounting base housing

2202693 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202693 Datasheet PDF - PHOENIX CONTACT

Part # 2202693
Download  2202693 Click to download

File Size   308.89 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 F-UT/FE KMGY - Mounting base housing

2202693 Datasheet (HTML) - PHOENIX CONTACT


2202693 Product details

DIN rail housing, Lower housing part with metal foot catch and FE contact, flat design, with
vents, width: 22.6 mm, height: 99 mm, depth: 84.8 mm, color: light gray (similar RAL 7035),
cross connection: without bus connector, number of positions cross connector: not relevant




Similar Part No. - 2202693

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202692 PHOENIX-2202692 Datasheet
309Kb / 8P
ME 22,5 F-UTG/FE KMGY - Mounting base housing
2202694 PHOENIX-2202694 Datasheet
307Kb / 8P
ME 17,5 UTG KMGY - Mounting base housing
2202695 PHOENIX-2202695 Datasheet
52Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
More results


Similar Description - 2202693

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com