Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2707084 Datasheet (PDF) - PHOENIX CONTACT

2707084 Datasheet PDF - PHOENIX CONTACT
Part # 2707084
Download  2707084 Download
File Size   310.61 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UTG BK - Mounting base housing

2707084 Datasheet (PDF)

Go To PDF Page Download Datasheet
2707084 Datasheet PDF - PHOENIX CONTACT

Part # 2707084
Download  2707084 Click to download

File Size   310.61 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UTG BK - Mounting base housing

2707084 Datasheet (HTML) - PHOENIX CONTACT


2707084 Product details

DIN rail housing, Lower housing part with metal foot catch, tall design, without vents, width: 45.2
mm, height: 99 mm, depth: 107.3 mm, color: black (similar RAL 9005), cross connection: without
bus connector, number of positions cross connector: not relevant




Similar Part No. - 2707084

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
270701B ITF-270701B Datasheet
218Kb / 6P
SAW Bandpass Filter
2004-03-23
logo
PHOENIX CONTACT
2707026 PHOENIX-2707026 Datasheet
311Kb / 9P
MKDSO 2,5/ 3-L RD - PCB terminal block
2707039 PHOENIX-2707039 Datasheet
312Kb / 9P
MKDSO 2,5/ 3-R RD - PCB terminal block
More results


Similar Description - 2707084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2914822 PHOENIX-2914822 Datasheet
68Kb / 5P
Electronic housing - ME 35 UTG TBUS KMGY
2706108 PHOENIX-2706108 Datasheet
55Kb / 2P
Electronic housing - ME 45 UTG YE
11/05/2018
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
1103440 PHOENIX-1103440 Datasheet
2Mb / 75P
Mounting base housing - ME-IO 18,8 EB 10U TBUS7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com