Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

726142003 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

726142003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 726142003
Download  726142003 Download
File Size   141.42 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-PCCA Plastic Caps for USB Connectors

726142003 Datasheet (PDF)

Go To PDF Page Download Datasheet
726142003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 726142003
Download  726142003 Click to download

File Size   141.42 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-PCCA Plastic Caps for USB Connectors

726142003 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


726142003 Product details

General Information:
Operating Temperature -30 up to +80 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 726142003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
726142002 WURTH-726142002 Datasheet
83Kb / 1P
USB - Connector Cover
More results


Similar Description - 726142003

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
List of Unclassifed Man...
450-C151 ETC2-450-C151 Datasheet
91Kb / 1P
Color Coded Plastic Caps
logo
Schurter Inc.
0031.1812 SCHURTER-0031.1812 Datasheet
178Kb / 1P
Caps for Holder FEU (Grip)
logo
PULS GmbH
PAS395 PULS-PAS395 Datasheet
1Mb / 14P
Charger for EDLC Capacitors (Ultra-Caps)
logo
Wurth Elektronik GmbH &...
726144001 WURTH-726144001 Datasheet
162Kb / 2P
Plastic Caps for USB Connectors WA-PCCA
726144002 WURTH-726144002 Datasheet
161Kb / 2P
Plastic Caps for USB Connectors WA-PCCA
726144003 WURTH-726144003 Datasheet
160Kb / 2P
Plastic Caps for USB Connectors WA-PCCA
logo
Maxim Integrated Produc...
MAX20332 MAXIM-MAX20332 Datasheet
883Kb / 12P
USB Connectors for Device Multiplexing
Rev 0; 5/18
logo
Wurth Elektronik GmbH &...
973100385 WURTH-973100385 Datasheet
114Kb / 2P
WA-SNTI Plastic Spacer Stud
001.001
971190485 WURTH-971190485 Datasheet
107Kb / 2P
WA-SPAIE Plastic Spacer Stud
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com