Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

786202095 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

786202095 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 786202095
Download  786202095 Download
File Size   328.89 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WP-PFIFUA REDCUBE PRESS-FIT

786202095 Datasheet (PDF)

Go To PDF Page Download Datasheet
786202095 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 786202095
Download  786202095 Click to download

File Size   328.89 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WP-PFIFUA REDCUBE PRESS-FIT

786202095 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


786202095 Product details

General Information:
Material Brass
Surface Tin
Execution Press-Fit
Storage Conditions (in original
packaging) < 40 °C ; < 75 % rH
Operating Temperature -55 °C up to +150 °C
Packaging Bulk




Similar Part No. - 786202095

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
786202094 WURTH-786202094 Datasheet
328Kb / 4P
WP-PFIFUA REDCUBE PRESS-FIT
001.003
More results


Similar Description - 786202095

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7464000 WURTH-7464000 Datasheet
174Kb / 2P
REDCUBE Plug Terminal WP-PLUG
001.000
7460211 WURTH-7460211 Datasheet
220Kb / 3P
WP-TGTR REDCUBE PRESS-FIT
001.003
7461073 WURTH-7461073 Datasheet
211Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
7462097 WURTH-7462097 Datasheet
219Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
7461082 WURTH-7461082 Datasheet
214Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
7461074 WURTH-7461074 Datasheet
216Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
7461121 WURTH-7461121 Datasheet
212Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
7461127 WURTH-7461127 Datasheet
215Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
7462096 WURTH-7462096 Datasheet
218Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
74610704 WURTH-74610704 Datasheet
191Kb / 3P
WP-TGCF REDCUBE PRESS-FIT
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com