Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200484 Datasheet (PDF) - PHOENIX CONTACT

2200484 Datasheet PDF - PHOENIX CONTACT
Part # 2200484
Download  2200484 Download
File Size   365.4 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5 HC/ 2-STP BK - PCB connector

2200484 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200484 Datasheet PDF - PHOENIX CONTACT

Part # 2200484
Download  2200484 Click to download

File Size   365.4 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5 HC/ 2-STP BK - PCB connector

2200484 Datasheet (HTML) - PHOENIX CONTACT


2200484 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 16 A (see
derating curve), rated voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket,
number of potentials: 2, number of rows: 1, number of positions: 2, number of connections: 2,
product range: MSTBT 2,5 HC/..-STP, pitch: 5 mm, connection method: Screw connection with
tension sleeve, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5 HC, locking: without, mounting method: without, type of
packaging: packed in cardboard




Similar Part No. - 2200484

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200482 PHOENIX-2200482 Datasheet
55Kb / 4P
Printed-circuit board connector - MSTBT 2,5 HC/ 4-STP BK
2200483 PHOENIX-2200483 Datasheet
365Kb / 10P
MSTBT 2,5 HC/ 3-STP BK - PCB connector
2200485 PHOENIX-2200485 Datasheet
52Kb / 3P
Printed-circuit board connector - MSTBO 2,5/ 4-G1PL BK
2200489 PHOENIX-2200489 Datasheet
212Kb / 8P
MSTBO 2,5/ 2-G1PR BK - PCB header
More results


Similar Description - 2200484

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1812649 PHOENIX-1812649 Datasheet
39Kb / 1P
MSTBA 2,5 HC/ 2-G-5,08 BK
1970100 PHOENIX-1970100 Datasheet
89Kb / 6P
Printed-circuit board connector - MSTBT 2,5 HC/ 2-STF-5,08
1914836 PHOENIX-1914836 Datasheet
125Kb / 3P
MSTBT 2,5/ 3-ST BK
1800934 PHOENIX-1800934 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 2-ST-5,08 BK
2200333 PHOENIX-2200333 Datasheet
75Kb / 5P
Printed-circuit board connector - MSTBT 2,5 HC/ 3-STP GY7035
2200482 PHOENIX-2200482 Datasheet
55Kb / 4P
Printed-circuit board connector - MSTBT 2,5 HC/ 4-STP BK
1926358 PHOENIX-1926358 Datasheet
165Kb / 11P
Printed-circuit board connector - MSTBT 2,5 HC/ 2-ST
09/12/2020
1919734 PHOENIX-1919734 Datasheet
346Kb / 11P
PCB connector - MSTBT 2,5/ 4-STF
Nov 30, 2022
1919747 PHOENIX-1919747 Datasheet
730Kb / 15P
PCB connector - MSTBT 2,5/ 5-STF
Sep 8, 2022
1912294 PHOENIX-1912294 Datasheet
397Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 2-ST
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com