Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202104 Datasheet (PDF) - PHOENIX CONTACT

2202104 Datasheet PDF - PHOENIX CONTACT
Part # 2202104
Download  2202104 Download
File Size   378.94 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBT 2,5 HV/3-ST-7,25 BK - PCB connector

2202104 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202104 Datasheet PDF - PHOENIX CONTACT

Part # 2202104
Download  2202104 Click to download

File Size   378.94 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBT 2,5 HV/3-ST-7,25 BK - PCB connector

2202104 Datasheet (HTML) - PHOENIX CONTACT


2202104 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 16 A, rated
voltage (III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of
potentials: 3, number of rows: 1, number of positions: 3, number of connections: 3, product
range: GMSTBT 2,5 HV/..-ST, pitch: 7.25 mm, connection method: Screw connection with
tension sleeve, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5 advanced, locking: without, mounting method: without, type of
packaging: packed in cardboard




Similar Part No. - 2202104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202100 PHOENIX-2202100 Datasheet
195Kb / 5P
UM-ALU 4-100,5 FRONT 200 AP - Front plate
2202101 PHOENIX-2202101 Datasheet
195Kb / 5P
UM-ALU 4-100,5 FRONT 235 AP - Front plate
2202102 PHOENIX-2202102 Datasheet
52Kb / 2P
Panel mounting base, length: 990 mm, Front plate, color: aluminum color, width: 101.8 mm, height: 2 mm
More results


Similar Description - 2202104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1852778 PHOENIX-1852778 Datasheet
101Kb / 3P
MSTBC 2,5/ 3-ST-5,08 BK
1756272 PHOENIX-1756272 Datasheet
109Kb / 5P
MSTB 2,5/ 3-ST BK
1914836 PHOENIX-1914836 Datasheet
125Kb / 3P
MSTBT 2,5/ 3-ST BK
2199566 PHOENIX-2199566 Datasheet
106Kb / 4P
GMSTBO 2,5 HV/ 3-GR-7,25 THR
1903122 PHOENIX-1903122 Datasheet
97Kb / 2P
GMVSTBR 2,5/ 3-ST-7,62 BK
2199757 PHOENIX-2199757 Datasheet
91Kb / 4P
GMSTBT 2,5 HV/2-ST-7,25 GY7035
2199760 PHOENIX-2199760 Datasheet
106Kb / 4P
GMSTBO 2,5 HV/ 2-GR-7,25 THR
2199867 PHOENIX-2199867 Datasheet
106Kb / 4P
GMSTBO 2,5 HV/ 2-GL-7,25 THR
2200262 PHOENIX-2200262 Datasheet
107Kb / 4P
GMSTBO 2,5 HV/3-GR-7,25 THRR44
2200263 PHOENIX-2200263 Datasheet
104Kb / 4P
GMSTBO 2,5 HV/3-GL-7,25 THRR44
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com