Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202996 Datasheet (PDF) - PHOENIX CONTACT

2202996 Datasheet PDF - PHOENIX CONTACT
Part # 2202996
Download  2202996 Download
File Size   288.07 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 3-L BK - PCB terminal block

2202996 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202996 Datasheet PDF - PHOENIX CONTACT

Part # 2202996
Download  2202996 Click to download

File Size   288.07 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 3-L BK - PCB terminal block

2202996 Datasheet (HTML) - PHOENIX CONTACT


2202996 Product details

Printed circuit board terminal, nominal current: 22 A, rated voltage (III/2): 250 V, nominal cross
section: 2.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3,
product range: FKDSO 2,5/..-L, pitch: 5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: black, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Product with pin output on left side




Similar Part No. - 2202996

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202993 PHOENIX-2202993 Datasheet
77Kb / 1P
Simplified representation
2202994 PHOENIX-2202994 Datasheet
47Kb / 2P
Electronic housing - RPI-BC INT-PCB SET
2202995 PHOENIX-2202995 Datasheet
47Kb / 2P
Electronic housing- RPI-BC EXT-PCB HBUS SET
More results


Similar Description - 2202996

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1800882 PHOENIX-1800882 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 BK
1801134 PHOENIX-1801134 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDS 2,5-5,08 L BK
1892372 PHOENIX-1892372 Datasheet
60Kb / 4P
PCB terminal block - SMKDS 2,5/ 3-5,08 BK
2200318 PHOENIX-2200318 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-L KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2869744 PHOENIX-2869744 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 3-R BK
2869757 PHOENIX-2869757 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 3-L BK
2908430 PHOENIX-2908430 Datasheet
64Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BK VPE200
2909772 PHOENIX-2909772 Datasheet
63Kb / 5P
PCB terminal block - MKDSO 2,5/ 2-L BK VPE200
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com