Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXL1543BCAI Datasheet (PDF) - Maxim Integrated Products

MXL1543BCAI Datasheet PDF - Maxim Integrated Products
Part # MXL1543BCAI
Download  MXL1543BCAI Download
File Size   695.68 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers

MXL1543BCAI Datasheet (PDF)

Go To PDF Page Download Datasheet
MXL1543BCAI Datasheet PDF - Maxim Integrated Products

Part # MXL1543BCAI
Download  MXL1543BCAI Click to download

File Size   695.68 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers

MXL1543BCAI Datasheet (HTML) - Maxim Integrated Products


MXL1543BCAI Product details

General Description
The MXL1543B is a three-driver/three-receiver multiprotocol transceiver that operates from a +5V single supply. The MXL1543B, along with the MXL1544/MAX3175 and the MXL1344A, form a complete software-selectable data terminal equipment (DTE) or data communication equipment (DCE) interface port that supports the V.28 (RS-232), V.10/V.11 (RS-449/V.36, EIA-530, EIA- 530A, X.21), and V.35 protocols. The MXL1543B transceivers carry the high-speed clock and data signals while the MXL1544/MAX3175 carry the control signals. The MXL1543B can be terminated by the MXL1344A software-selectable resistor termination network or by discrete termination networks.

Features
♦ MXL1543B, MXL1544/MAX3175, and MXL1344A Chipset Is Pin Compatible with LTC1543, LTC1544, and LTC1344A
♦ Supports RS-232, RS-449, EIA-530, EIA-530A, V.35, V.36, and X.21
♦ Software-Selectable Cable Termination Using the MXL1344A
♦ Complete DTE or DCE Port with MXL1544/ MAX3175, and MXL1344A
♦ +5V Single-Supply Operation
♦ 0.5µA No-Cable Mode
♦ TUV-Certified NET1/NET2 and TBR1/TBR2- Compliant

Applications
   Data Networking
   CSU and DSU
   Data Routers
   PCI Cards
   Telecommunications Equipment




Similar Part No. - MXL1543BCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1543 MAXIM-MXL1543 Datasheet
343Kb / 18P
5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
More results


Similar Description - MXL1543BCAI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
Software-Selectable Multiprotocol Transceiver
logo
Maxim Integrated Produc...
MAX3171 MAXIM-MAX3171 Datasheet
271Kb / 15P
3.3V Multiprotocol 3Tx/3Rx Software-Selectable Control Transceivers
19-1703; Rev 1; 8/01
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MXL1544 MAXIM-MXL1544 Datasheet
364Kb / 20P
5V Multiprotocol, Software-Selectable Control Transceivers
Rev 0; 4/01
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MAX3172 MAXIM-MAX3172_04 Datasheet
837Kb / 19P
3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 2; 6/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com