Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR0524-T7 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PLR0524-T7 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PLR0524-T7
Download  PLR0524-T7 Download
File Size   1612.34 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactitance 4-Line Uni-directional TVS Diode

PLR0524-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLR0524-T7 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PLR0524-T7
Download  PLR0524-T7 Click to download

File Size   1612.34 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactitance 4-Line Uni-directional TVS Diode

PLR0524-T7 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PLR0524-T7 Product details

Features
4 Ultra low capacitance: 0.3 pF typical (I/O to 1/0)
4 Ultra low leakage: nA level
4 Low operating voltage: 5V
4 Low clamping voltage
4 Up to 4 data lines and one power line protects
4 Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +25kV
Contact discharge: +20kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
— IEC61000-4-5 (Lightning) : 4 A(8/20us)
4 ROHS Compliant




Similar Part No. - PLR0524-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P_12 Datasheet
782Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524P PROTEC-PLR0524P_15 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0524 PROTEC-PLR0524_15 Datasheet
805Kb / 9P
ULTRA LOW CAPACITANCE STEERING DIODE
More results


Similar Description - PLR0524-T7

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ULC0544P10 TECHPUBLIC-ULC0544P10 Datasheet
2Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
AZ1045-04F-P TECHPUBLIC-AZ1045-04F-P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
AZ1045-04F TECHPUBLIC-AZ1045-04F Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
AZ1345-04F-P TECHPUBLIC-AZ1345-04F-P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
ESD0524P TECHPUBLIC-ESD0524P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
ESD8104MUTAG-P TECHPUBLIC-ESD8104MUTAG-P Datasheet
1Mb / 4P
Low Capactitance 4-Line Uni-directional TVS Diode
ESDA6V8UD-TP TECHPUBLIC-ESDA6V8UD-TP Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
RCLAMP0524J TECHPUBLIC-RCLAMP0524J Datasheet
1Mb / 6P
Low Capactitance 4-Line Uni-directional TVS Diode
RCLAMP0524PATCT TECHPUBLIC-RCLAMP0524PATCT Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
TPAZ176S-04F TECHPUBLIC-TPAZ176S-04F Datasheet
1Mb / 4P
Low Capactitance 4-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com