Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGD090N06SL Datasheet (PDF) - Hunteck Semiconductor

HGD090N06SL Datasheet PDF - Hunteck Semiconductor
Part # HGD090N06SL
Download  HGD090N06SL Download
File Size   913.78 Kbytes
Page   6 Pages
Manufacturer  HUNTECK [Hunteck Semiconductor]
Direct Link  http://www.hunteck.com/#/index
Logo HUNTECK - Hunteck Semiconductor
Description 60V N-Ch Power MOSFET

HGD090N06SL Datasheet (PDF)

Go To PDF Page Download Datasheet
HGD090N06SL Datasheet PDF - Hunteck Semiconductor

Part # HGD090N06SL
Download  HGD090N06SL Click to download

File Size   913.78 Kbytes
Page   6 Pages
Manufacturer  HUNTECK [Hunteck Semiconductor]
Direct Link  http://www.hunteck.com/#/index
Logo HUNTECK - Hunteck Semiconductor
Description 60V N-Ch Power MOSFET

HGD090N06SL Datasheet (HTML) - Hunteck Semiconductor


HGD090N06SL Product details

Feature
◇High Speed Power Switching, Logic Level
◇Enhanced Body diode dv/dtcapability
◇EnhancedAvalanche Ruggedness
◇100% UIS Tested, 100% Rg Tested
◇Lead Free, HalogenFree
Application
◇Synchronous Rectification in SMPS
◇Hard Switching and High Speed Circuit
◇DC/DCin Telecoms and Inductrial




Similar Part No. - HGD090N06SL

ManufacturerPart #DatasheetDescription
logo
Hunteck Semiconductor
HGD090N06SL HUNTECK-HGD090N06SL Datasheet
913Kb / 6P
60V N-Ch Power MOSFET
Ver 1.0 Oct.2016
More results


Similar Description - HGD090N06SL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
Advanced N-Ch Power MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
KODENSHI_AUK CORP.
SUN05A50D KODENSHI-SUN05A50D Datasheet
450Kb / 8P
N-Ch Power MOSFET
SUN05A50F KODENSHI-SUN05A50F Datasheet
477Kb / 8P
N-Ch Power MOSFET
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
Advanced N-Ch Power MOSFET
SUN730D KODENSHI-SUN730D Datasheet
458Kb / 8P
N-Ch Power MOSFET
SUN830F KODENSHI-SUN830F Datasheet
440Kb / 8P
N-Ch Power MOSFET
logo
MacMic
MMN400A006U1 MACMIC-MMN400A006U1 Datasheet
756Kb / 5P
60V 400A N-ch Power MOSFET Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com