Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2709228 Datasheet (PDF) - PHOENIX CONTACT

2709228 Datasheet PDF - PHOENIX CONTACT
Part # 2709228
Download  2709228 Download
File Size   313.73 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UTM BU - Intermediate element

2709228 Datasheet (PDF)

Go To PDF Page Download Datasheet
2709228 Datasheet PDF - PHOENIX CONTACT

Part # 2709228
Download  2709228 Click to download

File Size   313.73 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UTM BU - Intermediate element

2709228 Datasheet (HTML) - PHOENIX CONTACT


2709228 Product details

DIN rail housing, Intermediate element, for modular extension of the housing volume, tall design,
with vents, width: 22.6 mm, height: 99 mm, depth: 74 mm, color: blue (similar RAL 5015), cross
connection: without bus connector, number of positions cross connector: not relevant




Similar Part No. - 2709228

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2709 KR-2709 Datasheet
101Kb / 2P
Bandpass Filter
logo
Integrated Technology F...
270901B ITF-270901B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-05-19
270902B ITF-270902B Datasheet
200Kb / 5P
SAW Bandpass Filter
2005-06-22
logo
Belden Inc.
27090A BELDEN-27090A Datasheet
159Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
11-09-2022
27090A-0105000 BELDEN-27090A-0105000 Datasheet
159Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
11-09-2022
More results


Similar Description - 2709228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-47-0 ETC2-BU-47-0 Datasheet
1Mb / 1P
Insulator for BU-45 Clips
logo
PHOENIX CONTACT
1014455 PHOENIX-1014455 Datasheet
50Kb / 1P
Coding element - PRC FC-M CODE-BU
1416176 PHOENIX-1416176 Datasheet
334Kb / 5P
Network cable - VS-BU/PN-PPC/ME-93B-LI/2,0
2706108 PHOENIX-2706108 Datasheet
55Kb / 2P
Electronic housing - ME 45 UTG YE
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2202718 PHOENIX-2202718 Datasheet
301Kb / 5P
Upper part of housing - ME 12,5 OT-MKDSO BU
11/25/2021
1415953 PHOENIX-1415953 Datasheet
331Kb / 8P
VS-BU/C6-PPC/ME-94F-LI/5,0 - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com