Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP460 Datasheet (PDF) - TEWS Technologies GmbH

TCP460 Datasheet PDF - TEWS Technologies GmbH
Part # TCP460
Download  TCP460 Download
File Size   138.08 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16 Channel Serial Interface RS232/RS422

TCP460 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP460 Datasheet PDF - TEWS Technologies GmbH

Part # TCP460
Download  TCP460 Click to download

File Size   138.08 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16 Channel Serial Interface RS232/RS422

TCP460 Datasheet (HTML) - TEWS Technologies GmbH


TCP460 Product details

Application Information
The TCP460 is a standard 3U 32 bit CompactPCI module and offers 16 channels of high performance asynchronous serial interface.
Five different standard modules are available: The TCP460-10R provides 16 RS232 interfaces. The TCP460-11R provides 16 RS422 interfaces. The TCP460-12R provides 8 RS232 and 8 RS422 interfaces. The TCP460-13R provides 12 RS232 and 4 RS422 interfaces. The TCP460-14R provides 4 RS232 and 12 RS422 interfaces.
Other configurations are available as factory option on a per channel base.
All modules offer front panel I/O with a HD68 connector. The TCP460-2xR modules offer additional J2 rear I/O. Each RS232 channel supports RxD, TxD, RTS and CTS. Each RS422 supports RxD+/- and TxD+/-.
A transparent 32 bit / 66 MHz PCI-to-PCI Bridge provides access to the two Exar XR17D158 octal PCI-UARTs. The PCI-to-PCI Bridge allows 32 bit accesses on the local PCI bus and permits the high data throughput necessary for the high performance serial interfaces.
Each channel has 64 byte transmit and receive FIFOs to significantly reduce the overhead required to provide data to and get data from the transmitters and receivers. The FIFO trigger levels are programmable and the baud rate is individually programmable up to 921.6 kbps for RS232 channels and 5.5296 Mbps for RS422 channels. The UART offers readable FIFO levels.
Interrupts are supported. For fast interrupt source detection each octal UART provides a special Global Interrupt Source Register.
All serial channels use ESD protected transceivers up to ±15KV according to IEC 1000-4-2.
The TCP460 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
Software Support (TDRV002-SW-xx) for different operating systems is available.




Similar Part No. - TCP460

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP461 TEWS-TCP461 Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-10R TEWS-TCP461-10R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-11R TEWS-TCP461-11R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-12R TEWS-TCP461-12R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-20R TEWS-TCP461-20R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
More results


Similar Description - TCP460

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
NEPORT ETC2-NEPORT_1 Datasheet
1Mb / 77P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
PHOENIX CONTACT
2744461 PHOENIX-2744461 Datasheet
875Kb / 14P
Interface converter - PSM-ME-RS232/RS232-P
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com