Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP001-FP Datasheet (PDF) - TEWS Technologies GmbH

TCP001-FP Datasheet PDF - TEWS Technologies GmbH
Part # TCP001-FP
Download  TCP001-FP Download
File Size   105.1 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 4 Channel Serial Interface RS232/RS422

TCP001-FP Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP001-FP Datasheet PDF - TEWS Technologies GmbH

Part # TCP001-FP
Download  TCP001-FP Click to download

File Size   105.1 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 4 Channel Serial Interface RS232/RS422

TCP001-FP Datasheet (HTML) - TEWS Technologies GmbH


TCP001-FP Product details

The TCP463 is a standard 3U 32 bit CompactPCI module and offers 4 channels of high performance asynchronous serial interface.
Three different standard modules are available: The TCP463-10R provides 4 RS232 interfaces. The TCP463-11R provides 4 RS422 interfaces. The TCP463-12R provides 2 RS232 and 2 RS422 interfaces.
Other configurations are available as factory build option on a per channel base.
All modules offer front panel I/O with four RJ45 connectors. The TCP463-2xR modules offer additional J2 rear I/O. Each RS232 channel supports TxD, RxD, CTS, RTS, DTR, CD, DSR/RI and GND. Each RS422 channel supports RxD+/-, TxD+/- and GND on front and RxD+/-, TxD+/-, RTS+/-, CTS+/- and GND on rear I/O.
Each channel has 64 byte transmit and receive FIFOs to significantly reduce the overhead required to provide data to and get data from the transmitters and receivers. The FIFO trigger levels are programmable and the baud rate is individually programmable up to 921.6 kbps for RS232 channels and 5.5296 Mbps for RS422 channels. The UART offers readable FIFO levels.
All channels generate interrupts on CompactPCI interrupt INTA. For fast interrupt source detection the UART provides a special Global Interrupt Source Register.
All serial channels use ESD protected transceivers up to ±15KV.
The TCP463 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
Software Support (TDRV002-SW-xx) for different operating systems is available.




Similar Part No. - TCP001-FP

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP001-FP TEWS-TCP001-FP Datasheet
99Kb / 3P
4 Channel High Speed Synch/Asynch Serial Interface
2018-08-24
TCP001-FP TEWS-TCP001-FP Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
218Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
09/2009
TCP001-FP TEWS-TCP001-FP Datasheet
243Kb / 2P
CompactPCI Carrier for 2 IndustryPacks®
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
254Kb / 2P
PMC Carrier for 3U CompactPCI
2017-08-24
More results


Similar Description - TCP001-FP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
NEPORT ETC2-NEPORT_1 Datasheet
1Mb / 77P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Advantech Co., Ltd.
MIOE-210 ADVANTECH-MIOE-210 Datasheet
1Mb / 1P
4 x RS232/422/485, 2 x RS422/485, 8-bit GPIO
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com