Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP866 Datasheet (PDF) - TEWS Technologies GmbH

TCP866 Datasheet PDF - TEWS Technologies GmbH
Part # TCP866
Download  TCP866 Download
File Size   224.14 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 Channel Serial Interface RS232 / RS422

TCP866 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP866 Datasheet PDF - TEWS Technologies GmbH

Part # TCP866
Download  TCP866 Click to download

File Size   224.14 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 Channel Serial Interface RS232 / RS422

TCP866 Datasheet (HTML) - TEWS Technologies GmbH


TCP866 Product details

Application Information
The TCP866 is a standard 3U 32 bit CompactPCI module and has eight channels of high performance asynchronous serial interface with front I/O and back I/O.
The TCP866-1x offers an 8 channel RS232 interface and supports Receive Data (RxD), Transmit Data (TxD), Ready-To-Send (RTS), Clear-To-Send (CTS) and GND for each channel. Additionally serial channel one and serial channel two provide Data-Set-Ready (DSR), Data-Terminal-Ready (DTR), Data-Carrier-Detect (DCD) and Ring-Detect-Indicator (RI).
The TCP866-2x supports an 8 channel RS422 interface and offers RS422 signal levels by differential transmitters and receivers. The Transmit data (TxD +/-), Receive Data (RxD +/-) and GND are provided for each serial channel. The receiver signal termination (120 ohms between RxD+ and RxD-) is provided on the TCP866 per channel.
Each serial channel of the TCP866 has a 64 byte transmit FIFO and a 64 byte receive FIFO to significantly reduce the overhead required to provide data to and get data from the transmitter and receivers. The FIFO trigger levels are programmable.
For all modules the baud rate is individually programmable up to 921.6 kbaud per channel. All channels use the CompactPCI interrupt INTA together. For fast interrupt source detection the TPMC866 provides a special interrupt status register. Receiver and transmitter are protected against electrostatic discharge (ESD).
Software Support (TCP866-SW-xx) for different operating systems is available.




Similar Part No. - TCP866

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP862 TEWS-TCP862 Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-10 TEWS-TCP862-10 Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-20 TEWS-TCP862-20 Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-DOC TEWS-TCP862-DOC Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-ED TEWS-TCP862-ED Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
More results


Similar Description - TCP866

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
List of Unclassifed Man...
TIP866 ETC2-TIP866 Datasheet
108Kb / 1P
8 Channel Serial Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com