Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP001-FP Datasheet (PDF) - TEWS Technologies GmbH

TCP001-FP Datasheet PDF - TEWS Technologies GmbH
Part # TCP001-FP
Download  TCP001-FP Download
File Size   168.77 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with direct Connect to

TCP001-FP Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP001-FP Datasheet PDF - TEWS Technologies GmbH

Part # TCP001-FP
Download  TCP001-FP Click to download

File Size   168.77 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with direct Connect to

TCP001-FP Datasheet (HTML) - TEWS Technologies GmbH


TCP001-FP Product details

Application Information
The TCP631 is a standard 3U 32 bit CompactPCI
module providing a user configurable FPGA with
1,500,000 system gates. All local signals from the
PCI controller are routed to the FPGA.
The TCP631 offers 64 I/O lines to the front I/O and
64 I/O lines to the rear I/O. For flexible front I/O
solutions the TCP631 provides a PIM Module slot,
allowing active and passive signal conditioning. An
option offers additionally 64 I/O lines via the J2
connector. All I/O lines are directly connected to the
FPGA-pins, which maintains the flexibility of the
Select I/O technology of the Spartan III FPGA. All
I/O lines provide external ESD-protection devices. In
addition the FPGA is connected to two banks of 128
Mbytes, 16 bit wide DDR2 SDRAM.
The FPGA is configured by a parallel flash. The
flash device is in-system programmable via driver
software over the PCI bus. An in-circuit debugging
option is available via an optionally mountable JTAG
header for readback and real-time debugging of the
FPGA design (using Xilinx “ChipScope”).
A programmable clock generator supplies up to four
different clock frequencies between 5 kHz and
200 MHz which are available at the FPGA, in
addition one clock source is used as the local clock
signal for the PCI controller. The clock generator
settings are stored in an EEPROM and can be
changed by the driver software.
The configuration EEPROM of the PCI controller can
also be modified by the driver software, to adapt
address spaces etc.
User applications for the TCP631 can be developed
using the design software ISE WebPACK which can
be downloaded free of charge from www.xilinx.com.




Similar Part No. - TCP001-FP

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP001-FP TEWS-TCP001-FP Datasheet
99Kb / 3P
4 Channel High Speed Synch/Asynch Serial Interface
2018-08-24
TCP001-FP TEWS-TCP001-FP Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
218Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
09/2009
TCP001-FP TEWS-TCP001-FP Datasheet
243Kb / 2P
CompactPCI Carrier for 2 IndustryPacks®
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
254Kb / 2P
PMC Carrier for 3U CompactPCI
2017-08-24
More results


Similar Description - TCP001-FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN220E04 ETC1-AN220E04 Datasheet
1Mb / 21P
DANAMICALLY RECONFIGURABLE FPAA
AN231E04 ETC2-AN231E04 Datasheet
438Kb / 24P
Dynamically Reconfigurable dpASP
logo
NHP Electrical Engineer...
RQ72EAAC100A NHP-RQ72EAAC100A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-100/500A AC
11 October 2022,
RQ72EAAC10A NHP-RQ72EAAC10A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-10/50A AC
11 October 2022,
RQ72EAAC20A NHP-RQ72EAAC20A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-20/100A AC
31 January 2023,
RQ72EAAC30A NHP-RQ72EAAC30A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-30/150A AC
11 October 2022,
RQ72EAAC80A NHP-RQ72EAAC80A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-80/400A AC
11 October 2022,
RQ72EVAC300V NHP-RQ72EVAC300V Datasheet
996Kb / 3P
VOLTMETER DIRECT CONNECT 300V AC
11 October 2022,
RQ72EVAC500V NHP-RQ72EVAC500V Datasheet
996Kb / 3P
VOLTMETER DIRECT CONNECT 500V AC
24 June 2023,
RQ72EAAC NHP-RQ72EAAC Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-2.5/12.5A AC
11 October 2022,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com