Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP001-FP Datasheet (PDF) - TEWS Technologies GmbH

TCP001-FP Datasheet PDF - TEWS Technologies GmbH
Part # TCP001-FP
Download  TCP001-FP Download
File Size   73.2 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 4 Channel High Speed Synch/Asynch Serial Interface

TCP001-FP Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP001-FP Datasheet PDF - TEWS Technologies GmbH

Part # TCP001-FP
Download  TCP001-FP Click to download

File Size   73.2 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 4 Channel High Speed Synch/Asynch Serial Interface

TCP001-FP Datasheet (HTML) - TEWS Technologies GmbH


TCP001-FP Product details

Application Information
The TCP862 is a standard 3U 32 bit CompactPCI module with four high speed serial data communication channels.
The TCP862-10 provides front panel I/O via HD68 SCSI-3 type connector and TCP862-20 additionally provides rear I/O via J2.
An Infineon PEF 20534 DMA Supported Serial Communication Controller (DSCC4) with integrated bus master PCI interface is used.
Several interrupt sources can generate interrupts on INTA for each channel. Interrupts can be enabled and disabled separately.
A 14.7456 MHz oscillator provides standard asynchronous baud rates. An additional 24 MHz oscillator is provided for other baud rates. A 10 MHz oscillator is used for the maximum synchronous baud rate of 10 Mbit/s.
Each channel can support many serial communication protocols such as HDLC, SDLC, PPP, asynchronous, monosynchronous, bisynchronous.
Multiprotocol transceivers are used for the line interface. The physical interface can be selected by software individually for each channel as EIA-232, EIA-422, EIA-449, EIA-530, EIA-530A, V.35, V.36 or X.21.
The TCP862 supports Receive Data (RxD +/-), Transmit Data (TxD +/-), Receive Clock (RxC +/-), Transmit Clock (TxC +/-), Ready-To-Send (RTS +/-), Clear-To-Send (CTS +/-), Carrier-Detect (CD +/-) and GND for each channel. Additionally serial channel three provides Data-Set-Ready (DSR3 +/-) and Data-Terminal-Ready (DTR3 +/-), both over front I/O only.
The local control logic provides additional features, e.g. multiplexing and inverting clock signals and supporting all clock modes of the DSCC4 conveniently.
The device contains a central receive and transmit FIFO of 128 long words (32 bit) each. Furthermore each channel has a 17 long words deep receive FIFO and an 8 long words deep transmit FIFO.
For First Time Users the Engineering Documentation TCP862-ED is recommended. The Engineering Documentation includes TCP862-DOC, schematics and data sheets.
Driver support (TDRV001-SW-xx) for different operating systems is available.




Similar Part No. - TCP001-FP

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP001-FP TEWS-TCP001-FP Datasheet
99Kb / 3P
4 Channel High Speed Synch/Asynch Serial Interface
2018-08-24
TCP001-FP TEWS-TCP001-FP Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
218Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
09/2009
TCP001-FP TEWS-TCP001-FP Datasheet
243Kb / 2P
CompactPCI Carrier for 2 IndustryPacks®
2017-08-17
TCP001-FP TEWS-TCP001-FP Datasheet
254Kb / 2P
PMC Carrier for 3U CompactPCI
2017-08-24
More results


Similar Description - TCP001-FP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
High-speed differential serial interface
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Melexis Microelectronic...
MLX90363 MELEXIS-MLX90363 Datasheet
1Mb / 57P
Triaxis짰 Magnetometer IC With High Speed Serial Interface
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
High Speed Serial Transceiver Line Interface Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com