Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE-12 Datasheet (PDF) - First Components International

P4KE-12 Datasheet PDF - First Components International
Part # P4KE-12
Download  P4KE-12 Download
File Size   165.97 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS

P4KE-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE-12 Datasheet PDF - First Components International

Part # P4KE-12
Download  P4KE-12 Click to download

File Size   165.97 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS

P4KE-12 Datasheet (HTML) - First Components International


P4KE-12 Product details

Features

■ 400 WATT PEAK POWER PROTECTION

■ EXCELLENT CLAMPING CAPABILITY

■ FAST RESPONSE TIME

■ TYPICAL IR < 1µA ABOVE 10V

■ GLASS PASSIVATED CHIP CONSTRUCTION

■ MEETS UL SPECIFICATION 94V-0



 




Similar Part No. - P4KE-12

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
P4KE-AT YAGEO-P4KE-AT Datasheet
460Kb / 8P
Transient Voltage Suppressors
Jun. 30, 2023 V.3
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G Datasheet
131Kb / 6P
400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
400W Transient Voltage Suppressor
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
400W Transient Voltage Suppressor
More results


Similar Description - P4KE-12

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE FCI-P6KE Datasheet
177Kb / 4P
6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
Micro Commercial Compon...
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M_10 Datasheet
313Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
First Components Intern...
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com