Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA15 Datasheet (PDF) - First Components International

SA15 Datasheet PDF - First Components International
Part # SA15
Download  SA15 Download
File Size   178.15 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS

SA15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA15 Datasheet PDF - First Components International

Part # SA15
Download  SA15 Click to download

File Size   178.15 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS

SA15 Datasheet (HTML) - First Components International


SA15 Product details

Features
■ 500 WATT PEAK POWER PROTECTION
■ EXCELLENT CLAMPING CAPABILITY
■ FAST RESPONSE TIME
■ TYPICAL IR < 1µA ABOVE 10V
■ GLASS PASSIVATED CHIP CONSTRUCTION
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - SA15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA15 PANJIT-SA15 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA15 WTE-SA15 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA15 BYTES-SA15 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA15 DCCOM-SA15 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA15 EIC-SA15 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA15

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE FCI-P6KE Datasheet
177Kb / 4P
6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
First Components Intern...
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com