Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP672 Datasheet (PDF) - TEWS Technologies GmbH

TIP672 Datasheet PDF - TEWS Technologies GmbH
Part # TIP672
Download  TIP672 Download
File Size   125.04 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 24 Differential I/O Lines with Interrupts

TIP672 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP672 Datasheet PDF - TEWS Technologies GmbH

Part # TIP672
Download  TIP672 Click to download

File Size   125.04 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 24 Differential I/O Lines with Interrupts

TIP672 Datasheet (HTML) - TEWS Technologies GmbH


TIP672 Product details

Application Information
The TIP672 is an IndustryPack® compatible module providing 24 digital differential I/O lines using EIA-422 / EIA-485 compatible ESD protected line driver and receiver. Each line can be individually configured as differential input or differential output.
The differential receivers are always enabled, allows determining the state of the I/O line at any time. This can be used as read back function for lines configured as outputs.
All 24 input lines can generate an interrupt. Each input interrupt can individually be enabled and cleared. The signal edge handling is programmable.
Configuring an I/O line as output enables the differential transmitter and the I/O line reflects the state programmed in the output register.
Optional the I/O lines can be configured for simultaneous update internally and across several IP’s by an external clock source. The polarity of the external clock source is programmable.
6 resistor networks (4 x 120 ohms) mounted in sockets are used to terminate the differential I/O lines. The resistor networks can be removed or changed in value.
After power-on or reset all I/O lines are configured as input and all pending interrupts are cleared.
Software Support (TIP672-SW-xx) is available for different operating systems.




Similar Part No. - TIP672

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP670 TEWS-TIP670 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-10R TEWS-TIP670-10R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-20R TEWS-TIP670-20R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-DOC TEWS-TIP670-DOC Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-SW-42 TEWS-TIP670-SW-42 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
More results


Similar Description - TIP672

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
24-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
24-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
24-BIT I/O EXPANDER
logo
Megawin Technology Co.,...
MA009A MEGAWIN-MA009A Datasheet
664Kb / 19P
24-bit I/O extender with interrupt function
logo
National Instruments Co...
USB-6501 NI-USB-6501 Datasheet
301Kb / 5P
Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
777690-01 NI-777690-01 Datasheet
385Kb / 9P
Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
logo
Asahi Kasei Microsystem...
AK4685 AKM-AK4685 Datasheet
583Kb / 52P
Multi-channel CODEC with Differential Analog I/O
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
Shanghai Leiditech Elec...
SR33-04A LEIDITECH-SR33-04A Datasheet
2Mb / 5P
Protects Four Uidirectional I/O Lines
logo
List of Unclassifed Man...
Z86E0208PSC ETC-Z86E0208PSC Datasheet
873Kb / 71P
General-Purpose OTP MCU with 14 I/O LInes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com